Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 14Page - Texas Instruments PCM1795 Datasheet HTML 15Page - Texas Instruments PCM1795 Datasheet HTML 16Page - Texas Instruments PCM1795 Datasheet HTML 17Page - Texas Instruments PCM1795 Datasheet HTML 18Page - Texas Instruments PCM1795 Datasheet HTML 19Page - Texas Instruments PCM1795 Datasheet HTML 20Page - Texas Instruments PCM1795 Datasheet HTML 21Page - Texas Instruments PCM1795 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
Power-On and External Reset Functions
Reset
1024SystemClocks
V
DD
2.4V(Max)
2V(Typ)
1.6V(Min)
InternalReset
SystemClock
ResetRemoval
Reset
Reset Removal
1024SystemClocks
InternalReset
SystemClock
RST (Pin14)
t
(RST)
1.4V
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
The PCM1795 includes a power-on reset function, as shown in Figure 35. With VDD > 2 V, the power-on reset
function is enabled. The initialization sequence requires 1024 system clocks from the time VDD > 2 V. After the
initialization period, the PCM1795 is set to its default reset state, as described in the Mode Control Registers
section.
The PCM1795 also includes an external reset capability using the RST input (pin 14). This feature allows an
external controller or master reset circuit to force the PCM1795 to initialize to the default reset state.
Figure 36 and Table 4 show the external reset operation and timing. The RST pin is set to logic 0 for a minimum
of 20 ns. The RST pin is then set to a logic 1 state, thus starting the initialization sequence that requires 1024
system clock periods. The external reset is especially useful in applications where there is a delay between the
PCM1795 power-up and system clock activation.
Figure 35. Power-On Reset Timing
Figure 36. External Reset Timing
Table 4. Timing Characteristics for Figure 36
PARAMETER
MIN
MAX
UNIT
t(RST)
Reset pulse duration, low
20
ns
18
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com