Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 21Page - Texas Instruments PCM1795 Datasheet HTML 22Page - Texas Instruments PCM1795 Datasheet HTML 23Page - Texas Instruments PCM1795 Datasheet HTML 24Page - Texas Instruments PCM1795 Datasheet HTML 25Page - Texas Instruments PCM1795 Datasheet HTML 26Page - Texas Instruments PCM1795 Datasheet HTML 27Page - Texas Instruments PCM1795 Datasheet HTML 28Page - Texas Instruments PCM1795 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
Write Register
Data Type
WriteData2
Transmitter
St
ACK
ACK
ACK
M
Sp
ACK
S
NACK
M
M
M
S
M
S
M
S
M
S
SlaveAddress
W
RegisterAddress
WriteData1
M:MasterDevice
S:SlaveDevice
St:StartCondition
Sp:StopCondition
ACK:Acknowledge
NACK:NotAcknowledged
:Write
W
Read Register
Data Type
Data
Transmitter
St
ACK
ACK
ACK
M
Sp
ACK
M
NACK
Sr
R
M
M
M
S
M
S
M
M
M
S
S
M
SlaveAddress
W
RegisterAddress
SlaveAddress
M:MasterDevice
S:SlaveDevice
St:StartCondition
Sr:RepeatedStartCondition
Sp:StopCondition
R:Read
:Write
W
ACK:Acknowledge
NACK:NotAcknowledged
Noise Suppression
SCL
SDA
Noise
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
A master can write to any PCM1795 registers using single or multiple accesses. The master sends a PCM1795
slave address with a write bit, a register address, and the data. If multiple access is required, the address is that
of the starting register, followed by the data to be transferred. When the data are received properly, the index
register is incremented by '1' automatically. When the index register reaches 0x7F, the next value is 0x00. When
undefined registers are accessed, the PCM1795 does not send an acknowledgment. Figure 46 shows a diagram
of the write operation.
Figure 46. Write Operation
A master can read the PCM1795 register. The value of the register address is stored in an indirect index register
in advance. The master sends a PCM1795 slave address with a read bit after storing the register address. Then
the PCM1795 transfers the data that the index register points to. When the data are transferred during a multiple
access, the index register is incremented by '1' automatically. (When first going into read mode immediately
following a write, the index register is not incremented. The master can read the register that was previously
written.) When the index register reaches 0x7F, the next value is 0x00. The PCM1795 outputs some data when
the index register is 0x10 to 0x1F, even if it is not defined in Table 9. Figure 47 shows a diagram of the read
operation.
Figure 47. Read Operation
The PCM1795 incorporates noise suppression using the system clock (SCK). However, there must be no more
than two noise spikes in 600 ns. The noise suppression works for SCK frequencies between 8 MHz and 40 MHz
in fast mode. However, it works incorrectly under the following conditions:
Case 1:
1. t(SCK) > 120 ns (t(SCK): period of SCK)
2. t(HI) + t(D–HD) < t(SCK) × 5
3. Spike noise exists on the first half of the SCL high pulse.
4. Spike noise exists on the SDA high pulse just before SDA goes low.
Figure 48. Case 1
When these conditions occur at the same time, the data are recognized as low.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com