Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 10Page - Texas Instruments PCM1795 Datasheet HTML 11Page - Texas Instruments PCM1795 Datasheet HTML 12Page - Texas Instruments PCM1795 Datasheet HTML 13Page - Texas Instruments PCM1795 Datasheet HTML 14Page - Texas Instruments PCM1795 Datasheet HTML 15Page - Texas Instruments PCM1795 Datasheet HTML 16Page - Texas Instruments PCM1795 Datasheet HTML 17Page - Texas Instruments PCM1795 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
-120
124
128
132
136
140
144
148
152
156
160
-
-
-
-
-
-
-
-
-
-
Frequency(Hz)
100
10k
1k
-
°
144-dBOutputSpectrum
BW=20kHz
PCMMode
f =48kHz
32768Point8Average
T =+25 C
V
=3.3V
V
=5V
S
A
DD
CC
-120
124
128
132
136
140
144
148
152
156
160
-
-
-
-
-
-
-
-
-
-
Frequency(Hz)
100
10k
1k
-
°
150-dBOutputSpectrum
BW=20kHz
PCMMode
f =48kHz
32768Point8Average
T =+25 C
V
=3.3V
V
=5V
S
A
DD
CC
10
1
0.1
0.01
0.001
0.0001
InputLevel(dBFS)
-90
-70
0
-80
-60
PCMMode
f =48kHz
T =+25 C
V
=3.3V
V
=5V
S
A
DD
CC
°
-50
-40
-30
-20
-10
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
Frequency(kHz)
0
4
20
2
6
60-dBOutputSpectrum
DSDMode(FIR-2)
32768Point8Average
T =+25 C
V
=3.3V
V
=5V
-
A
DD
CC
°
8
10
12
14
16
18
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS: ANALOG DYNAMIC PERFORMANCE (continued)
PCM mode, VDD = 3.3 V, and VCC = 5 V; measured with circuit shown in Figure 52, unless otherwise noted.
AMPLITUDE vs FREQUENCY
AMPLITUDE vs FREQUENCY
(Measurement Circuit: Figure 52)
(Measurement Circuit: Figure 52)
Figure 22.
Figure 23.
THD+N vs INPUT LEVEL
AMPLITUDE vs FREQUENCY
(Measurement Circuit: Figure 52)
(Measurement Circuit: Figure 53)
Figure 24.
Figure 25.
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com