Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 17Page - Texas Instruments PCM1795 Datasheet HTML 18Page - Texas Instruments PCM1795 Datasheet HTML 19Page - Texas Instruments PCM1795 Datasheet HTML 20Page - Texas Instruments PCM1795 Datasheet HTML 21Page - Texas Instruments PCM1795 Datasheet HTML 22Page - Texas Instruments PCM1795 Datasheet HTML 23Page - Texas Instruments PCM1795 Datasheet HTML 24Page - Texas Instruments PCM1795 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
External Digital Filter Interface and Timing
Direct Stream Digital (DSD) Format Interface and Timing
TDMCA Interface
FUNCTION DESCRIPTIONS
Zero Detect
SERIAL CONTROL INTERFACE
SPI Interface
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
The PCM1795 supports an external digital filter interface that consists of a three- or four-wire synchronous serial
port that allows the use of an external digital filter. External filters include the Texas Instruments’ DF1704 and
DF1706, the Pacific Microsonics PMD200, or a programmable digital signal processor.
In the external DF mode, LRCK (pin 4), BCK (pin 6) and DATA (pin 5) are defined as: WDCK, the word clock;
BCK, the bit clock; and DATA, the monaural data. The external digital filter interface is selected by using the
DFTH bit of control register 20, which functions to bypass the internal digital filter of the PCM1795.
When the DFMS bit of control register 19 is set, the PCM1795 can process stereo data. In this case, ZEROL (pin
1) and ZEROR (pin 2) are defined as left-channel data and right-channel data input, respectively.
Detailed information for the external digital filter interface mode is provided in the Application For External Digital
Filter Interface section.
The PCM1795 supports the DSD format interface operation, which includes out-of-band noise filtering using an
internal analog FIR filter. For DSD operation, SCK (pin 7) is redefined as BCK, DATA (pin 5) as DATAL (left
channel audio data), and LRCK (pin 4) as DATAR (right channel audio data). BCK (pin 6) must be forced low in
the DSD mode. The DSD format interface is activated by setting the DSD bit of control register 20.
Detailed information for the DSD mode is provided in the Application For DSD Format (DSD Mode) Interface
section.
The PCM1795 supports the time-division-multiplexed command and audio (TDMCA) data format to enable
control of and communication with a number of external devices over a single serial interface.
Detailed information for the TDMCA format is provided in the TDMCA Interface Format section.
The PCM1795 has a zero-detect function. When the PCM1795 detects the zero conditions as shown in Table 6,
the PCM1795 sets ZEROL (pin 1) and ZEROR (pin 2) high.
Table 6. Zero Conditions
MODE
DETECTING CONDITION AND TIME
PCM
DATA is continuously low for 1024 LRCKs.
External DF mode
DATA is continuously low for 1024 WDCKs.
There are an equal number of 1s and 0s in every 8 bits of DSD input data for 23
DZ0
ms.
DSD
DZ1
The input data are continuously 1001 0110 for 23 ms.
The PCM1795 supports both SPI and I2C interfaces that set the mode control registers; see Table 9. The serial
control interface is selected by MSEL (pin 3); SPI is activated when MSEL is set low, and I2C is activated when
MSEL is set high.
The SPI interface is a four-wire synchronous serial port that operates asynchronously to the serial audio interface
and the system clock (SCK). The serial control interface is used to program and read the on-chip mode registers.
The control interface includes MDO (pin 13), MDI (pin 11), MC (pin 12), and MS (pin 10). MDO is the serial data
output, used to read back the values of the mode registers; MDI is the serial data input, used to program the
mode registers; MC is the serial bit clock, used to shift data in and out of the control port; and MS is the mode
control enable, used to enable the internal mode register access.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com