Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 125 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 121Page - Texas Instruments XIO2001 Datasheet HTML 122Page - Texas Instruments XIO2001 Datasheet HTML 123Page - Texas Instruments XIO2001 Datasheet HTML 124Page - Texas Instruments XIO2001 Datasheet HTML 125Page - Texas Instruments XIO2001 Datasheet HTML 126Page - Texas Instruments XIO2001 Datasheet HTML 127Page - Texas Instruments XIO2001 Datasheet HTML 128Page - Texas Instruments XIO2001 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 131 page
background image
7.11 Parameter Measurement Information
† CLOAD includes the typical load-circuit distributed capacitance.
CLOAD
Test
Point
Timing
Input
(see Note A )
Out-of-Phase
Output
tpd
50% VDD
50% VDD
VDD
0 V
0 V
0 V
0 V
0 V
VOL
th
tsu
VOH
VOH
VOL
High-Level
Input
Low-Level
Input
tw
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
LOAD CIRCUIT
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
INPUT RISE AND FALL TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
tpd
tpd
tpd
VLOAD
IOH
IOL
From Output
Under Test
90% VDD
10% VDD
tf
tr
Output
Control
(low-level
enabling)
Waveform 1
(see Note B)
Waveform 2
(see Note B)
VOL
VOH
VOH - 0.3 V
tPZL
tPZH
tPLZ
tPHZ
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
VOL + 0.3 V
0 V
0 V
≈ 50% VDD
≈ 50% VDD
ten
tdis
tpd
tPZH
tPZL
tPHZ
tPLZ
CLOAD†
(pF)
IOL
(mA)
TIMING
PARAMETER
30/50
12
- 12
0
3
1.5
‡
30/50
12
12
- 12
- 12
LOAD CIRCUIT PARAMETERS
= 50 Ω, where VOL = 0.6 V, IOL = 12 mA
IOL
30/50
‡ VLOAD - VOL
IOH
(mA)
VLOAD
(V)
Data
Input
In-Phase
Output
Input
(see Note A)
VDD
VDD
VDD
50% VDD
50% VDD
50% VDD
50% VDD
VDD
VDD
50% VDD
50% VDD
50% VDD
50% VDD
VDD
50% VDD
50% VDD
50% VDD
50% VDD
50% VDD
50% VDD
50% VDD
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
PCI Bus
A.
Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by pulse generators
having the following characteristics: PRR = 1 MHz, ZO = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns.
B.
Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output
control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the
output control.
C.
For tPLZ and tPHZ, VOL and VOH are measured values.
Figure 7-1. Load Circuit And Voltage Waveforms
Submit Documentation Feedback
Electrical Characteristics
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com