Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 123 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 119Page - Texas Instruments XIO2001 Datasheet HTML 120Page - Texas Instruments XIO2001 Datasheet HTML 121Page - Texas Instruments XIO2001 Datasheet HTML 122Page - Texas Instruments XIO2001 Datasheet HTML 123Page - Texas Instruments XIO2001 Datasheet HTML 124Page - Texas Instruments XIO2001 Datasheet HTML 125Page - Texas Instruments XIO2001 Datasheet HTML 126Page - Texas Instruments XIO2001 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 131 page
background image
7.7
PCI Bus Electrical Characteristics
(1)
7.8
3.3-V I/O Electrical Characteristics
(1)
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
PCI Express Differential Reference Clock Input Ranges (continued)
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
ZRX-DC
REFCLK+
20
k
Ω
REFCLK+ dc single-ended mode impedance
DC input impedance
REFCLK–
over recommended operating conditions
PARAMETER
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
PCIR = 3.3 V
0.5
× V
DD_33
PCIR + 0.5
VIH
High-level input voltage(2)
V
PCIR = 5 V
2.0
PCIR + 0.5
PCIR = 3.3 V
–0.5
0.3
× V
DD_33
VIL
Low-level input voltage (2)
V
PCIR = 5 V
–0.5
0.8
VI
Input voltage
0
PCIR
V
VO
Output voltage(3)
0
VDD_33
V
tt
Input transition time (trise and tfall)
1
4
ns
PCIR = 3.3 V
IOH = –500 µA
0.9
× V
DD_33
VOH
High-level output voltage
V
PCIR = 5 V
IOH = –2 mA
2.4
PCIR = 3.3 V
IOH = 1500 µA
0.1
× V
DD_33
VOL
Low-level output voltage
V
PCIR = 5 V
IOH = 6 mA
0.55
PCIR = 3.3 V
±10
IOZ
High-impedance, output current(3)
µA
PCIR = 5 V
±70
PCIR = 3.3 V
±10
II
Input current
µA
PCIR = 5 V
±70
(1)
This table applies to CLK, CLKOUT6:0, AD31:0, C/BE[3:0], DEVSEL, FRAME, GNT5:0, INTD:A, IRDY, PAR, PERR, REQ5:0, PRST,
SERR, STOP, TRDY, SERIRQ, M66EN, and LOCK terminals.
(2)
Applies to external inputs and bidirectional buffers.
(3)
Applies to external outputs and bidirectional buffers.
over recommended operating conditions
PARAMETER
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
VIH
High-level input voltage(2)
VDD_33
0.7 VDD_33
VDD_33
V
VIL
VIL Low-level input voltage (2)
VDD_33
0
0.3 VDD_33
V
VI
Input voltage
0
VDD_33
V
VO
Output voltage(3)
0
VDD_33
V
tt
Input transition time (trise and tfall)
0
25
ns
Vhys
Input hysteresis(4)
0.13 VDD_33
V
VOH
High-level output voltage
VDD_33
IOH = –4 mA
0.8 VDD_33
V
VOL
Low-level output voltage
VDD_33
IOL = 4 mA
0.22 VDD_33
V
IOZ
High-impedance, output current(3)
VDD_33
VI = 0 to VDD_33
±20
µA
IOZP
High-impedance, output current with internal VDD_33
VI = 0 to VDD_33
±100
µA
pullup or pulldown resistor(1)
II
Input current(5)
VDD_33
VI = 0 to VDD_33
±1
µA
(1)
Applies to GRST (pullup), EXT_ARB_EN (pulldown), CLKRUN_EN (pulldown), and most GPIO (pullup).
(2)
Applies to external inputs and bidirectional buffers.
(3)
Applies to external outputs and bidirectional buffers.
(4)
Applies to PERST, GRST, and PME.
(5)
Applies to external input buffers.
Submit Documentation Feedback
Electrical Characteristics
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com