Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 122 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 118Page - Texas Instruments XIO2001 Datasheet HTML 119Page - Texas Instruments XIO2001 Datasheet HTML 120Page - Texas Instruments XIO2001 Datasheet HTML 121Page - Texas Instruments XIO2001 Datasheet HTML 122Page - Texas Instruments XIO2001 Datasheet HTML 123Page - Texas Instruments XIO2001 Datasheet HTML 124Page - Texas Instruments XIO2001 Datasheet HTML 125Page - Texas Instruments XIO2001 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 131 page
background image
7.6
PCI Express Differential Reference Clock Input Ranges
(1)
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
PCI Express Differential Receiver Input Ranges (continued)
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
BWRX-PLL-HI
(4)
RXP, RXN
22
MHz
Second order PLL jitter transfer bounding function.
Maximum Rx PLL bandwidth
BWRX-PLL-LO-3DB
(4)
RXP, RXN
1.5
MHz
Second order PLL jitter transfer bounding function.
Minimum Rx PLL for 3 dB peaking
VRX-CM-AC-P
(2)
VRX-CM-AC-P = RMS(|VRXP + VRXN|/2 – VRX-CM-DC)
RXP, RXN
150
mV
AC peak common mode input voltage
VRX-CM-DC = DC(avg) of |VRXP + VRXN|/2.
RLRX-DIFF
(5)
Measured over 50 MHz to 1.25 GHz with the P and N
RXP, RXN
10
dB
Differential return loss
lines biased at +300 mV and –300 mV, respectively.
RLRX-CM
(5)
Measured over 50 MHz to 1.25 GHz with the P and N
RXP, RXN
6
dB
Common mode return loss
lines biased at +300 mV and –300 mV, respectively.
ZRX-DIFF-DC
(6)
RXP, RXN
80
120
Ω
RX dc differential mode impedance
DC differential input impedance
ZRX-DC
(5) (6)
Required RXP as well as RXN dc impedance (50
RXP, RXN
40
60
Ω
DC input impedance
Ω±20% tolerance).
ZRX-HIGH-IMP-DC-POS
(7)
Rx DC CM impedance with the Rx terminations not
DC input CM input impedance for V > 0
RXP, RXN
50
k
Ω
powered, measured over the range 0 to 200 mV with
during reset or powerdown
respect to ground.
ZRX-HIGH-IMP-DC-NEG
(7)
Rx DC CM impedance with the Rx terminations not
DC input CM input impedance for V > 0
RXP, RXN
1
k
Ω
powered, measured over the range 0 to 200 mV with
during reset or powerdown
respect to ground.
VRX-IDLE-DET-DIFFp-p
VRX-IDLE-DET-DIFFp-p = 2*|VRXP – VRXN| measured at the
RXP, RXN
65
175
mV
Electrical idle detect threshold
receiver package terminals
An unexpected electrical idle
TRX-IDLE-DET-DIFF-ENTER-TIME
(VRX-DIFFp-p < VRX-IDLE-DET-DIFFp-p) must be recognized
Unexpected electrical idle enter detect
RXP, RXN
10
ms
no longer than
threshold integration time
TRX-IDLE-DET-DIFF-ENTER-TIME to signal an unexpected idle
condition.
(4)
A single PLL bandwidth and peaking value of 1.5 to 22 MHz and 3 dB are defined.
(5)
The receiver input impedance results in a differential return loss greater than or equal to 15 dB with the P line biased to 300 mV and the
N line biased to .300 mV and a common mode return loss greater than or equal to 6 dB (no bias required) over a frequency range of 50
MHz to 1.25 GHz. This input impedance requirement applies to all valid input levels. The reference impedance for return loss
measurements for is 50 . to ground for both the P and N line (i.e., as measured by a Vector Network Analyzer with 50-. probes). The
series capacitors CTX is optional for the return loss measurement.
(6)
Impedance during all link training status state machine (LTSSM) states. When transitioning from a PCI Express reset to the detect state
(the initial state of the LTSSM) there is a 5-ms transition time before receiver termination values must be met on the unconfigured lane
of a port.
(7)
ZRX-HIGH-IMP-DC-NEG and ZRX-HIGH-IMP-DC-POS are defined respectively for negative and postive voltages at the input of the receiver.
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
fIN-DIFF
REFCLK+
The input frequency is 100 MHz + 300 ppm and –2800
100
MHz
Differential input frequency
REFCLK–
ppm including SSC-dictated variations.
fIN-SE
REFCLK+
The input frequency is 125 MHz + 300 ppm and –300
Single-ended input
125
MHz
ppm.
frequency
VRX-DIFFp-p
REFCLK+
Differential input
REFCLK–
-0.30
1.150
V
VRX-DIFFp-p = 2*|VREFCLK+ – VREFCLK-|
peak-to-peak voltage
REFCLK+
Single-ended, reference clock mode high-level input
VIH-SE
0.7 VDDA_33
VDDA_33
V
voltage
REFCLK+
Single-ended, reference clock mode low-level input
VIL-SE
0
0.3 VDDA_33
V
voltage
VRX-CM-ACp
REFCLK+
VRX-CM-ACp = RMS(|VREFCLK+ + VREFCLK-|/2 VRX-CM-DC)
AC peak common mode
REFCLK–
140
mV
VRX-CM-DC = DC(avg) of
input voltage
|VREFCLK+ + VREFCLK-|/2
REFCLK+
Differential and single-ended waveform input duty
Duty cycle
40%
60%
REFCLK–
cycle
ZC-DC
REFCLK+
40
60
Ω
REFCLK
± dc differential mode impedance
Clock source DC impedance
REFCLK–
(1)
The XIO2001 is compliant with the defined system jitter models for a PCI-Express reference clock and associated TX/RX link. Any
usage of the XIO2001 in a system configuration that does not conform to the defined system jitter models requires the system designer
to validate the system jitter budgets.
Electrical Characteristics
122
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com