Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 126 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 122Page - Texas Instruments XIO2001 Datasheet HTML 123Page - Texas Instruments XIO2001 Datasheet HTML 124Page - Texas Instruments XIO2001 Datasheet HTML 125Page - Texas Instruments XIO2001 Datasheet HTML 126Page - Texas Instruments XIO2001 Datasheet HTML 127Page - Texas Instruments XIO2001 Datasheet HTML 128Page - Texas Instruments XIO2001 Datasheet HTML 129Page - Texas Instruments XIO2001 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 131 page
background image
twH
2 V
0.8 V
trise
tfall
tc
twL
2 V min Peak-to-Peak
tw
tsu
CLK
PRST
1.5 V
tpd
tpd
Valid
1.5 V
ton
toff
Valid
tsu
th
CLK
PCI Output
PCI Input
8
Glossary
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
Figure 7-2. CLK Timing Waveform
Figure 7-3. PRST Timing Waveforms
Figure 7-4. Shared Signals Timing Waveforms
ACRONYM
DEFINTION
BIST
Built-in slef test
ECRC
End-to-end cyclic redundancy code
EEPROM
Electrically erasable programmable read-only memory
GP
General purpose
GPIO
General-purpose input output
ID
Identification
IF
Interface
IO
Input output
I2S
Inter IC sound
LPM
Link power management
Glossary
126
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com