Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 119 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 119 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 115Page - ATMEL Corporation ATtiny261 Datasheet HTML 116Page - ATMEL Corporation ATtiny261 Datasheet HTML 117Page - ATMEL Corporation ATtiny261 Datasheet HTML 118Page - ATMEL Corporation ATtiny261 Datasheet HTML 119Page - ATMEL Corporation ATtiny261 Datasheet HTML 120Page - ATMEL Corporation ATtiny261 Datasheet HTML 121Page - ATMEL Corporation ATtiny261 Datasheet HTML 122Page - ATMEL Corporation ATtiny261 Datasheet HTML 123Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 227 page
background image
119
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
• Bits 3.. 0 - CS13, CS12, CS11, CS10: Clock Select Bits 3, 2, 1, and 0
The Clock Select bits 3, 2, 1, and 0 define the prescaling source of Timer/Counter1.
The Stop condition provides a Timer Enable/Disable function.
16.11.3
TCCR1C – Timer/Counter1 Control Register C
• Bits 7,6 - COM1A1S, COM1A0S: Comparator A Output Mode, Bits 1 and 0
These bits are the shadow bits of the COM1A1 and COM1A0 bits that are described in the sec-
tion “TCCR1A – Timer/Counter1 Control Register A” on page 115.
Table 16-14. Division factors of the Dead Time prescaler
DTPS11
DTPS10
Prescaler divides the T/C1 clock by
0
0
1x (no division)
01
2x
10
4x
11
8x
Table 16-15. Timer/Counter1 Prescaler Select
CS13
CS12
CS11
CS10
Asynchronous Clocking Mode
Synchronous Clocking Mode
0000T/C1 stopped
T/C1 stopped
0001PCK
CK
0010PCK/2
CK/2
0011PCK/4
CK/4
0100PCK/8
CK/8
0101PCK/16
CK/16
0110PCK/32
CK/32
0111PCK/64
CK/64
1000PCK/128
CK/128
1001PCK/256
CK/256
1010PCK/512
CK/512
1011PCK/1024
CK/1024
1100PCK/2048
CK/2048
1101PCK/4096
CK/4096
1110PCK/8192
CK/8192
1111PCK/16384
CK/16384
Bit
76543210
0x27 (0x47)
COM1A1S COM1A0S COM1B1S COM1B0S
COM1D1
COM1D0
FOC1D
PWM1D
TCCR1C
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com