Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 121 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 121 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 117Page - ATMEL Corporation ATtiny261 Datasheet HTML 118Page - ATMEL Corporation ATtiny261 Datasheet HTML 119Page - ATMEL Corporation ATtiny261 Datasheet HTML 120Page - ATMEL Corporation ATtiny261 Datasheet HTML 121Page - ATMEL Corporation ATtiny261 Datasheet HTML 122Page - ATMEL Corporation ATtiny261 Datasheet HTML 123Page - ATMEL Corporation ATtiny261 Datasheet HTML 124Page - ATMEL Corporation ATtiny261 Datasheet HTML 125Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 227 page
background image
121
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
• Bit 1 - FOC1D: Force Output Compare Match 1D
The FOC1D bit is only active when the PWM1D bit specify a non-PWM mode.
Writing a logical one to this bit forces a change in the Waveform Output (OCW1D) and the Out-
put Compare pin (OC1D) according to the values already set in COM1D1 and COM1D0. If
COM1D1 and COM1D0 written in the same cycle as FOC1D, the new settings will be used. The
Force Output Compare bit can be used to change the output pin value regardless of the timer
value. The automatic action programmed in COM1D1 and COM1D0 takes place as if a compare
match had occurred, but no interrupt is generated. The FOC1D bit is always read as zero.
• Bit 0 - PWM1D: Pulse Width Modulator D Enable
When set (one) this bit enables PWM mode based on comparator OCR1D.
16.11.4
TCCR1D – Timer/Counter1 Control Register D
• Bit 7 - FPIE1: Fault Protection Interrupt Enable
Setting this bit (to one) enables the Fault Protection Interrupt.
• Bit 6– FPEN1: Fault Protection Mode Enable
Setting this bit (to one) activates the Fault Protection Mode.
• Bit 5 – FPNC1: Fault Protection Noise Canceler
Setting this bit activates the Fault Protection Noise Canceler. When the noise canceler is acti-
vated, the input from the Fault Protection Pin (INT0) is filtered. The filter function requires four
successive equal valued samples of the INT0 pin for changing its output. The Fault Protection is
therefore delayed by four Oscillator cycles when the noise canceler is enabled.
• Bit 4 – FPES1: Fault Protection Edge Select
This bit selects which edge on the Fault Protection pin (INT0) is used to trigger a fault event.
When the FPES1 bit is written to zero, a falling (negative) edge is used as trigger, and when the
FPES1 bit is written to one, a rising (positive) edge will trigger the fault.
Table 16-18. Compare Output Mode, Phase and Frequency Correct PWM Mode
COM1D1..0
OCW1D Behavior
OC1D Pin
OC1D Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
Connected
Connected
10
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
Connected
Disconnected
11
Set on Compare Match when up-counting.
Cleared on Compare Match when down-counting.
Connected
Disconnected
Bit
76543210
0x26 (0x46)
FPIE1
FPEN1
FPNC1
FPES1
FPAC1
FPF1
WGM11
WGM10
TCCR1D
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com