Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 122 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 122 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 118Page - ATMEL Corporation ATtiny261 Datasheet HTML 119Page - ATMEL Corporation ATtiny261 Datasheet HTML 120Page - ATMEL Corporation ATtiny261 Datasheet HTML 121Page - ATMEL Corporation ATtiny261 Datasheet HTML 122Page - ATMEL Corporation ATtiny261 Datasheet HTML 123Page - ATMEL Corporation ATtiny261 Datasheet HTML 124Page - ATMEL Corporation ATtiny261 Datasheet HTML 125Page - ATMEL Corporation ATtiny261 Datasheet HTML 126Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 227 page
background image
122
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
• Bit 3 - FPAC1: Fault Protection Analog Comparator Enable
When written logic one, this bit enables the Fault Protection function in Timer/Counter1 to be
triggered by the Analog Comparator. The comparator output is in this case directly connected to
the Fault Protection front-end logic, making the comparator utilize the noise canceler and edge
select features of the Timer/Counter1 Fault Protection interrupt. When written logic zero, no con-
nection between the Analog Comparator and the Fault Protection function exists. To make the
comparator trigger the Timer/Counter1 Fault Protection interrupt, the FPIE1 bit in the
Timer/Counter1 Control Register D (TCCR1D) must be set.
• Bit 2- FPF1: Fault Protection Interrupt Flag
When the FPIE1 bit is set (one), the Fault Protection Interrupt is enabled. Activity on the pin will
cause an interrupt request even, if the Fault Protection pin is configured as an output. The corre-
sponding interrupt of Fault Protection Interrupt Request is executed from the Fault Protection
Interrupt Vector. The bit FPF1 is cleared by hardware when executing the corresponding inter-
rupt handling vector. Alternatively, FPF1 is cleared after a synchronization clock cycle by writing
a logical one to the flag. When the SREG I-bit, FPIE1 and FPF1 are set, the Fault Interrupt is
executed.
• Bits 1:0 - WGM11, WGM10: Waveform Generation Mode Bits
This bit associated with the PWMx bits control the counting sequence of the counter, the source
for type of waveform generation to be used, see Table 16-19. Modes of operation supported by
the Timer/Counter1 are: Normal mode (counter), Fast PWM Mode, Phase and Frequency Cor-
rect PWM and PWM6 Modes.
16.11.5
TCCR1E – Timer/Counter1 Control Register E
• Bits 7:6 - Res: Reserved Bits
These bits are reserved bits in the ATtiny261/461/861 and always reads as zero.
• Bits 5:0 – OC1OE5:OC1OE0: Output Compare Override Enable Bits
These bits are the Output Compare Override Enable bits that are used to connect or disconnect
the Output Compare Pins in PWM6 Modes with an instant response on the corresponding Out-
put Compare Pins.
Table 16-19. Waveform Generation Mode Bit Description
PWM1x
WGM11..10 Timer/Counter Mode of Operation
TOP
Update of
OCR1x at
TOV1 Flag
Set on
0
xx
Normal
OCR1C
Immediate
TOP
1
00
Fast PWM
OCR1C
TOP
TOP
1
01
Phase and Frequency Correct PWM
OCR1C
BOTTOM
BOTTOM
1
10
PWM6 / Single-slope
OCR1C
TOP
TOP
1
11
PWM6 / Dual-slope
OCR1C
BOTTOM
BOTTOM
Bit
76543210
0x00 (0x20)
-
-
OC1OE5
OC1OE4
OC1OE3
OC1OE2
OC1OE1
OC1OE0
TCCR1E
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com