Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 120 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 116Page - ATMEL Corporation ATtiny261 Datasheet HTML 117Page - ATMEL Corporation ATtiny261 Datasheet HTML 118Page - ATMEL Corporation ATtiny261 Datasheet HTML 119Page - ATMEL Corporation ATtiny261 Datasheet HTML 120Page - ATMEL Corporation ATtiny261 Datasheet HTML 121Page - ATMEL Corporation ATtiny261 Datasheet HTML 122Page - ATMEL Corporation ATtiny261 Datasheet HTML 123Page - ATMEL Corporation ATtiny261 Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 227 page
background image
120
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
• Bits 5,4 - COM1B1S, COM1B0S: Comparator B Output Mode, Bits 1 and 0
These bits are the shadow bits of the COM1A1 and COM1A0 bits that are described in the sec-
tion “TCCR1A – Timer/Counter1 Control Register A” on page 115.
• Bits 3,2 - COM1D1, COM1D0: Comparator D Output Mode, Bits 1 and 0
These bits control the Behavior of the Waveform Output (OCW1D) and the connection of the
Output Compare pin (OC1D). If one or both of the COM1D1:0 bits are set, the OC1D output
overrides the normal port functionality of the I/O pin it is connected to. The complementary
OC1D output is connected only in PWM modes when the COM1D1:0 bits are set to “01”. Note
that the Data Direction Register (DDR) bit corresponding to the OC1D pin must be set in order to
enable the output driver.
The function of the COM1D1:0 bits depends on the PWM1D and WGM10 bit settings. Table
16-16 shows the COM1D1:0 bit functionality when the PWM1D bit is set to a Normal Mode
(non-PWM).
Table 16-17 shows the COM1D1:0 bit functionality when the PWM1D and WGM10 bits are set
to Fast PWM Mode.
Table 16-18 on page 121 shows the COM1D1:0 bit functionality when the PWM1D and WGM10
bits are set to Phase and Frequency Correct PWM Mode.
Table 16-16. Compare Output Mode, Normal Mode (non-PWM)
COM1D1..0
OCW1D Behavior
OC1D Pin
OC1D Pin
00
Normal port operation.
Disconnected
Disconnected
01
Toggle on Compare Match.
Connected
Disconnected
10
Clear on Compare Match.
Connected
Disconnected
11
Set on Compare Match.
Connected
Disconnected
Table 16-17. Compare Output Mode, Fast PWM Mode
COM1D1..0
OCW1D Behavior
OC1D Pin
OC1D Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match.
Set when TCNT1 = 0x000.
Connected
Connected
10
Cleared on Compare Match.
Set when TCNT1 = 0x000.
Connected
Disconnected
11
Set on Compare Match.
Clear when TCNT1 = 0x000.
Connected
Disconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com