Electronic Components Datasheet Search
  English  ▼

X  

DM9013 Datasheet(PDF) 40 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 40 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 44Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
DM9013
3-port switch with Processor Interface
40
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
This word bit 15~8 will be loaded to port 1 Reg. 66H bit 7~0
Port 1 Control 2
22
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 1 Reg. 67H bit 7~0
This word bit 15~8 will be loaded to port 1 Reg. 6DH bit 7~0
Port 2 Control 1
23
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 2 Reg. 61H bit 7~0
This word bit 15~8 will be loaded to port 2 Reg. 66H bit 7~0
Port 2 Control 2
24
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 2 Reg. 67H bit 7~0
This word bit 15~8 will be loaded to port 2 Reg. 6DH bit 7~0
uP Port Control 1
25
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 3 Reg. 61H bit 7~0
This word bit 15~8 will be loaded to port 3 Reg. 66H bit 7~0
uP Port Control 2
26
When word 16 bit 3:2 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 3 Reg. 67H bit 7~0
This word bit 15~8 will be loaded to port 3 Reg. 6DH bit 7~0
Port 0 VLAN Tag
27
When word 16 bit 5:4 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 0 Reg. 6EH bit 7~0
This word bit 15~8 will be loaded to port 0 Reg. 6FH bit 7~0
Port 1 VLAN Tag
28
When word 16 bit 5:4 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 1 Reg. 6EH bit 7~0
This word bit 15~8 will be loaded to port 1 Reg. 6FH bit 7~0
Port 2 VLAN Tag
29
When word 16 bit 5:4 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 2 Reg. 6EH bit 7~0
This word bit 15~8 will be loaded to port 2 Reg. 6FH bit 7~0
uP Port VLAN Tag
30
When word 16 bit 5:4 is “01”, after power on reset:
This word bit 7~0 will be loaded to port 3 Reg. 6EH bit 7~0
This word bit 15~8 will be loaded to port 3 Reg. 6FH bit 7~0
VLAN Priority Map
31
When word 16 bit 7:6 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. D0H bit 7~0
This word bit 15~8 will be loaded to Reg. D1H bit 7~0
Port VLAN Group
0,1
32
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. B0H bit 7~0
This word bit 15~8 will be loaded to Reg. B1H bit 7~0
Port VLAN Group
2,3
33
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. B2H bit 7~0
This word bit 15~8 will be loaded to Reg. B3H bit 7~0
Port VLAN Group
4,5
34
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. B4H bit 7~0
This word bit 15~8 will be loaded to Reg. B5H bit 7~0
Port VLAN Group
6,7
35
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. B6H bit 7~0
This word bit 15~8 will be loaded to Reg. B7H bit 7~0
Port VLAN Group
8,9
36
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. B8H bit 7~0
This word bit 15~8 will be loaded to Reg. B9H bit 7~0
Port VLAN Group
10,11
37
When word 16 bit 9:8 is “01”, after power on reset:
This word bit 7~0 will be loaded to Reg. BAH bit 7~0
This word bit 15~8 will be loaded to Reg. BBH bit 7~0
Port VLAN Group
38
When word 16 bit 9:8 is “01”, after power on reset:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com