Electronic Components Datasheet Search
  English  ▼

X  

DM9013 Datasheet(PDF) 15 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 15 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 19Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
15
DM9013-15-DS-P03
April 9, 2009
5.4 EEPROM Interfaces
Pin No.
Pin Name
I/O
Description
49
EEDI
I,PD
EEPROM Data In
50
EEDO
O,PD
EEPROM Data Out
This pin is used serially to write op-codes, addresses and
data into the EEPROM.
51
EECK
O,PD
EEPROM Serial Clock
This pin is used as the clock for the EEPROM data transfer.
52
EECS
O,PD
EEPROM Chip Selection.
5.5 LED Pins
Pin No.
Pin Name
I/O
Description
104
LNK1_LED
O
Port 1 Link / Active LED
It is the combined LED of link and carrier sense signal
of the internal PHY1
105
SPD1_LED
O
Port 1 Speed LED
Its low output indicates that the internal PHY1 is
operated in 100M/S, or it is floating for the 10M mode of
the internal PHY1
106
FDX1_LED
O
Port 1 Full-duplex LED
Its low output indicates that the internal PHY1 is
operated in full-duplex mode, or it is floating for the
half-duplex mode of the internal PHY1
107
LNK0_LED
O
Port 0 Link / Active LED
It is the combined LED of link and carrier sense signal
of the internal PHY0
108
SPD0_LED
O
Port 0 Speed LED
Its low output indicates that the internal PHY0 is
operated in 100M/S, or it is floating for the 10M mode of
the internal PHY0
109
FDX0_LED
O
Port 0 Full-duplex LED
Its low output indicates that the internal PHY0 is
operated in full-duplex mode, or it is floating for the
half-duplex mode of the internal PHY0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com