Electronic Components Datasheet Search
  English  ▼

X  

DM9013 Datasheet(PDF) 6 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 6 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 10Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
DM9013
3-port switch with Processor Interface
6
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
6.61 Memory Data Read address Register (F4H).............................................................................................. 36
6.62 Memory Data Read address Register (F5H).............................................................................................. 37
6.63 Memory Data Write Command without Address Increment Register (F6H).......................................... 37
6.64 Memory Data Write Command with Address Increment Register (F8H) ............................................... 37
6.65 Memory Data Write address Register (FAH)............................................................................................. 37
6.66 Memory Data Write address Register (FBH)............................................................................................. 37
6.67 TX Packet Length Register (FCH~FDH) .................................................................................................... 37
6.68 Interrupt Status Register (FEH).................................................................................................................. 37
6.69 Interrupt Mask Register (FFH) .................................................................................................................... 38
7.
EEPROM FORMAT........................................................................................................ 39
8.
PHY REGISTERS .......................................................................................................... 42
8.1 Basic Mode Control Register (BMCR) – 00H .............................................................................................. 43
8.2 Basic Mode Status Register (BMSR) – 01H ................................................................................................ 44
8.3 PHY ID Identifier Register #1 (PHYID1) – 02H............................................................................................. 45
8.4 PHY ID Identifier Register #2 (PHYID2) – 03H............................................................................................. 45
8.5 Auto-negotiation Advertisement Register (ANAR) – 04H.......................................................................... 46
8.6 Auto-negotiation Link Partner Ability Register (ANLPAR) – 05H ............................................................. 47
8.7 Auto-negotiation Expansion Register (ANER) - 06H ................................................................................. 48
8.8 DAVICOM Specified Configuration Register (DSCR) – 10H ...................................................................... 48
8.9 DAVICOM Specified Configuration and Status Register (DSCSR) – 11H ................................................ 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com