Electronic Components Datasheet Search
  English  ▼

X  

DM9013 Datasheet(PDF) 48 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 48 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 52Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
DM9013
3-port switch with Processor Interface
48
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
8.7 Auto-negotiation Expansion Register (ANER) - 06H
Bit
Bit Name
Default
Description
15-5
Reserved
0, RO
Reserved
Read as 0, ignore on write
4
PDF
0, RO/LH
Local Device Parallel Detection Fault
PDF = 1: A fault detected via parallel detection function.
PDF = 0: No fault detected via parallel detection function
3
LP_NP_ABLE
0, RO
Link Partner Next Page Able
LP_NP_ABLE = 1: Link partner, next page available
LP_NP_ABLE = 0: Link partner, no next page
2
NP_ABLE
0,RO/P
Local Device Next Page Able
NP_ABLE = 1: DM9013, next page available
NP_ABLE = 0: DM9013, no next page
DM9013 does not support this function, so this bit is always 0
1
PAGE_RX
0, RO
New Page Received
A new link code word page received. This bit will be automatically
cleared when the register (register 6) is read by management
0
LP_AN_ABLE
0, RO
Link Partner Auto-negotiation Able
A “1” in this bit indicates that the link partner supports
Auto-negotiation
8.8 DAVICOM Specified Configuration Register (DSCR) – 10H
Bit
Bit Name
Default
Description
15
BP_4B5B
0,RW
Bypass 4B5B Encoding and 5B4B Decoding
0 = Normal 4B5B and 5B4B operation
1 = 4B5B encoder and 5B4B decoder function bypassed
14
BP_SCR
0, RW
Bypass Scrambler/Descrambler Function
0 = Normal scrambler and descrambler operation
1 = Scrambler and descrambler function bypassed
13
BP_ALIGN
0, RW
Bypass Symbol Alignment Function
0 = Normal operation
1 = Receive functions (descrambler, symbol alignment and symbol
decoding functions) bypassed. Transmit functions (symbol
encoder and scrambler) bypassed
12
BP_ADPOK
0, RW
BYPASS ADPOK
Force signal detector (SD) active. This register is for debug only,
not release to customer
0=Normal operation
1=Forced SD is OK,
11
Reserved
RW
Reserved
Force to 0 in application
10
TX
1, RW
100BASE-TX Mode Control
0 = 100BASE-FX operation
1 = 100BASE-TX operation
9
Reserved
0, RO
Reserved
8
Reserved
0, RW
Reserved
7
F_LINK_100
0, RW
Force Good Link in 100Mbps
0 = Normal 100Mbps operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com