Electronic Components Datasheet Search
  English  ▼

X  

DM9013 Datasheet(PDF) 57 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 57 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 61Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
57
DM9013-15-DS-P03
April 9, 2009
(4).Exception
The DM9013 has an optional setting that
broadcast/multicast packets are not monitored (see
bit 4 of register 65h). It’s useful to avoid unnecessary
bandwidth.
9.2.13 VLAN Support
9.2.13.1 Port-Based VLAN
The DM9013 supports port-based VLAN as
default, up to 16 groups. Each port has a default VID
called PVID (Port VID, see register 6Fh). The
DM9013 used LSB 4-bytes of PVID as index and
mapped to register B0h~BFh, to define the VLAN
groups.
For instance, we intend to partition DM9013’s
ports into three groups. Port 0 and port 1 in group A,
port 1 and port 2 in group B, finally, port 2 and port 3
in group C. In this case, the setting as below:
(1). Set PVID of Port 0 to 0x01h.
(2). Set PVID of Port 1 to 0x02h.
(3). Set PVID of Port 2 to 0x03h.
(4). Set PVID of Port 3 to 0x04h.
(5). Set register B1h to 0x02h.
(6). Set register B2h to 0x05h.
(7). Set register B3h to 0x0Ah.
(8). Set register B4h to 0x04h.
9.2.13.2 802.1Q-Based VLAN
Regarding IEEE 802.1Q standard, Tag-based
VLAN uses an extra tag to identify the VLAN
membership
of
a
frame
across
VLAN-aware
switch/router. A tagged frame is four bytes longer
than an untagged frame and contains two bytes of
TPID (Tag Protocol Identifier) and two bytes of TCI
(Tag Control Information).
Dest.
Src.
Length/Type
Data
Dest.
Src.
TPID
Data
TCI
Length / Type
Priority
CFI
VID
Standard frame
Tagged frame
0x8100
2 bytes
3 bits
1 bits
12 bits
VLAN_9013.vsd
The DM9013 also supports 16 802.1Q-based
VLAN groups, as specified in bit 1 of register 53h. It’s
obvious that the tagged packets can be assigned to
several different VLANs which are determined
according to the VID inside the VLAN Tag. Therefore,
the operation is similar to port-based VLAN. The
DM9013 used LSB 4-bytes VID of received packet
with VLAN tag and VLAN Group Mapping Register
(B0h~BFh) to configure the VLAN partition. If the
destination port of received packet is not same VLAN
group with received port, it will be discarded.
9.2.13.3 Tag/Untag
User can define each port as Tag port or Un-tag
port by bit 7 of register 6Dh in 802.1Q-based VLAN
mode. The operation of Tag and Un-tag can explain
as below conditions:
(1). Receive untagged packet and forward to
Un-tag port.
Received packet will forward to destination port
without modification.
(2). Receive tagged packet and forward to Un-tag
port.
The DM9013 will remove the tag from the
packet and recalculate CRC before sending it out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com