Electronic Components Datasheet Search
  English  ▼

X  

DM9013 Datasheet(PDF) 27 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 27 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 31Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
27
DM9013-15-DS-P03
April 9, 2009
6.33 Monitor Register 1 (40H)
Bit
Name
Default
Description
7
BWIDTH
T0,RO
8-bit Data Strap Latch Status
6
DWIDTH
T0,RO
32-bit Data Strap Latch Status
5
IRQOC
ET0,RO
IRQ Open-Collect Pin Status
4
IRQP
ET0,RO
IRQ Polarity Pin Status
3
IO16OC
E0,RO
IO16 Open-Collect Pin Status
2
IO16P
E0,RO
IO16 Polarity Pin Status
1:0
RESERVED
0,RO
Reserved
6.34 Monitor Register 2 (41H)
Bit
Name
Default
Description
7
TEST3
RO
TEST3 pin
6
TEST2
RO
TEST2 pin
5
TEST1
RO
TEST1 pin
4
MDC
T0,RO
MDC Strap Status
3
EECS
T0,RO
EECS Strap Status
2
EECK
T0,RO
EECK Strap Status
1
EEDO
T0,RO
EEDO Strap Status
0
EEDI
T0,RO
EEDI Strap Status
6.35 Monitor Register 3 (42H)
Bit
Name
Default
Description
7:4
RESERVED
0,RO
Reserved
4
TXE2
T0,RO
TXE2 Strap Status
3
TXD2_3
T0,RO
TXD2_3 Strap Status
2
TXD2_2
T0,RO
TXD2_2 Strap Status
1
TXD2_1
T0,RO
TXD2_1 Strap Status
0
TXD2_0
T0,RO
TXD2_0 Strap Status
6.36 Monitor Register 4 (43H)
Bit
Name
Default
Description
7
RESERVED
0,RO
Reserved
6:0
GPIO
T0,RO
GPIO 0~6 Strap Status
6.37 Switch Control Register (52H)
Bit
Name
Default
Description
7
MEM_BIST
PH0,RO
Address Memory Test BIST Status
0: OK
1: Fail
6
RST_SW
P0,RW
Reset Switch Core and auto clear after 10us
5
RST_ANLG
P0,RW
Reset Analog PHY Core and auto clear after 10us
4:3
SNF_PORT
PE00,RW
Sniffer Port Number
2
CRC_DIS
PE0,RW
CRC checking disable
1:0
AGE
PE0,RW
Aging
00: no aging
01: 64sec+/- 32sec
10: 128sec+/- 64sec
11: 256sec+/- 128sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com