Electronic Components Datasheet Search
  English  ▼

X  

DM9013 Datasheet(PDF) 72 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 72 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 67Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 68Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 70Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 71Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 72Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 73Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 74Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 75Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
DM9013
3-port switch with Processor Interface
72
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
DM9013E_EVB_BOARD
2.1
CONNECT_AND_POWER
A
23
Tuesday , December 19, 2006
Title
Size
Document Number
Rev
Date:
Sheet
of
DVDD_5V
DVDD_33V
DVDD_5V DVDD_33V
DVDD_5V
SD10
SD26
SD16
SD8
SD2
SD28
SD14
IOWAIT
SD0
SD13
SD6
SD1
SD25
SD30
SD23
SD27
SD17
SD9
PWRST#
SD[00..31]
SD21
SD3
IRQ
SD18
SD7
IO16
SD19
IOR#
SD4
SD20
SD5
SD22
SD24
SD11
SD31
SD12
SD29
CMD
IOW#
CS#
SD15
WOL
TXD2_1
RXD2_[0..3]
RXDV2
RXD2_2
COL2
TXD2_[0..3]
RXD2_3
TXC2
MDIO
TXD2_0
RXD2_1
RXER2
TXD2_3
MDC
RXC2
RXD2_0
TXE2
TXD2_2
CRS2
JP2
HEADER_16X2
JP1
HEADER_16X2
C34
0.1uF
U5
AP1117-3.3V
O
I
4
OUT
IN
OUT
C33
220uF
J11
HEADER_16
SD[00..31]
MDIO
TXC2
TXD2_[0..3]
RXD2_[0..3]
TXE2
RXDV2
RXC2
CRS2
COL2
RXER2
MDC
WOL
IOWAIT
IO16
IRQ
PWRST#
CMD
CS#
IOW#
IOR#
uP Interface
MII Interface
Davicom Semiconductor Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com