Electronic Components Datasheet Search
  English  ▼

X  

DM9013 Datasheet(PDF) 74 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 74 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 67Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 68Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 70Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 71Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 72Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 73Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 74Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 75Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 74 / 75 page
background image
DM9013
3-port switch with Processor Interface
74
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
12. Package Information
128 Pins LQFP Package Outline Information:
Dimension in mm
Dimension in inch
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
1.60
-
-
0.063
A1
0.05
-
-
0.002
-
-
A2
1.35
1.40
1.45
0.053
0.055
0.057
b
0.13
0.18
0.23
0.005
0.007
0.009
b1
0.13
0.16
0.19
0.005
0.006
0.007
c
0.09
-
0.20
0.004
-
0.008
c1
0.09
-
0.16
0.004
-
0.006
D
15.85
16.00
16.15
0.624
0.630
0.636
D1
13.90
14.00
14.10
0.547
0.551
0.555
E
15.85
16.00
16.15
0.624
0.630
0.636
E1
13.90
14.00
14.10
0.547
0.551
0.555
E
0.40 BSC
0.016 BSC
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00 REF
0.039 REF
R1
0.08
-
-
0.003
-
-
R2
0.08
-
0.20
0.003
-
0.008
S
0.20
-
-
0.008
-
-
Θ
0
o
3.5
o
7
o
0
o
3.5
o
7
o
Θ1
0
o
-
-
0
o
-
-
Θ2
12
o TYP
12
o TYP
θ3
12
o TYP
12
o TYP
1. Dimension D1 and E1 do not include resin fin.
2. All dimensions are base on metric system.
3. General appearance spec should base on its final visual inspection spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com