Electronic Components Datasheet Search
  English  ▼

X  

DM9013 Datasheet(PDF) 10 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 10 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 14Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
DM9013
3-port switch with Processor Interface
10
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
1. General Description
The DM9013 is a fully integrated and cost-effective
fast Ethernet switch controller with two ports
10M/100M PHY, one port MII or RMII or Reverse MII
interface, and general processor bus interface. The
controller provides basic Layer-2 switch functions and
advanced IEEE 802.1Q VLAN and priority queuing
scheme. The integrated two ports PHY are compliant
with IEEE 802.3u standards. The MII interface
provides the flexibility to connect Ethernet PHY or
SoC with MII/RMII interface. The DM9013 provides
direct interface to the general processor bus with 8-, 16-, or
32-bit data to access internal memory.
2. Block Diagram
10/100M
PHY
10/100M
MAC
10/100M
PHY
10/100M
MAC
10/100M
MAC
Port 0
MDI / MDIX
Port 1
MDI / MDIX
Port 2
MII / RMII
Switch
Controller
Control
Registers
MIB
Counters
EEPROM
Interface
Embedded
Memory
Memory
BIST
Memory
Management
Processor
Interface
Host
MAC
Switch Engine
8 , 16 , 32 bit
Processor
Bus
LED
Control
Bandwidth
LEDs
EEPROM
Switch Fabric
Reverse MII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com