Electronic Components Datasheet Search
  English  ▼

X  

DM9013 Datasheet(PDF) 14 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 14 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 18Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
DM9013
3-port switch with Processor Interface
14
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
68
RXC2
I
Port 2 MII Receive Clock
70
RXDV2
I
Port 2 MII Receive Data Valid
71,72,73,74
RXD2_3~0
I
Port 2 MII Receive Data
4-bit nibble data input (synchronous to RXC2)
5.3.2 RMII Interfaces
Pin No.
Pin Name
I/O
Description
55
MDC
O,PD MII Serial Management Data Clock
56
MDIO
I/O
MII Serial Management Data
58,59
TXD2_3~2
O,PD Reserved
60,61
TXD2_1~0
O,PD RMII Transmit Data
63
TXE2
O,PD RMII Transmit Enable.
64
TXC2
O
Reserved
65
CRS2
I
RMII CRS_DV
66
COL2
I
Reserved, tie to ground in application.
67
RXER2
I
Reserved, tie to ground in application.
68
RXC2
I
50MHz reference clock.
70
RXDV2
I
Reserved, tie to ground in application.
71,72
RXD2_3~2
I
Reserved, tie to ground in application.
73,74
RXD2_1~0
I
RMII Receive Data.
5.3.3 Reverse MII Interfaces
Pin No.
Pin Name
I/O
Description
55
MDC
O,PD Reserved
56
MDIO
I/O
Reserved
58,59,60,61
TXD2_3~0
O,PD Port 2 MII Transmit Data
4-bit nibble data outputs (synchronous to the TXC2)
63
TXE2
O,PD Port 2 MII Transmit Enable
64
TXC2
O
25MHz clock output
65
CRS2
O
Port 2 carrier sense output when TXE2 or RXDV2
asserted.
66
COL2
O
Port 2 collision output when TXE2 and RXDV2
asserted.
67
RXER2
I
Port 2 MII Receive Error
68
RXC2
I
Port 2 MII Receive Clock
70
RXDV2
I
Port 2 MII Receive Data Valid
71,72,73,74
RXD2_3~0
I
Port 2 MII Receive Data
4-bit nibble data input (synchronous to RXC2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com