Electronic Components Datasheet Search
  English  ▼

X  

DM9013 Datasheet(PDF) 26 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 26 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 30Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
DM9013
3-port switch with Processor Interface
26
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
6.29 Processor Data Bus driving capability Register (38H)
Bit
Name
Default
Description
7
RESERVED
0,RW
reserved
6:5
ISA_CURR
P01,RW
SD Bus Current Driving/Sinking Capability
00: 2mA
01: 4mA (default)
10: 6mA
11: 8mA
4:3
Reserved
P0,RW
Reserved
2
STEP
P0,RW
Data Bus Output stepping
1: disabled
0: enabled
1
IOW_SPIKE
P0,RW
Eliminate IOW spike
1: eliminate about 2ns IOW spike
0
IOR_SPIKE
P1,RW
Eliminate IOR spike
1: eliminate about 2ns IOR spike
6.30 Port 2 driving capability Register (3AH)
Bit
Name
Default
Description
7
Reserved
0,RO
Reserved
6:5
P2_CURR
P01,RW
Port 2 TXD/TXECurrent Driving/Sinking Capability
00: 2mA
01: 4mA (default)
10: 6mA
11: 8mA
4:0
RESERVED
P01,RW
reserved
6.31 IRQ Pin Control Register (39H)
Bit
Name
Default
Description
7:2
Reserved
PS0,RO
Reserved
1
IRQ_TYPE
PET0,RW
IRQ Pin Output Type Control
0: IRQ direct output
1: IRQ Open-Collector output
0
IRQ_POL
PET0,RW
IRQ Pin Polarity Control
0: IRQ active high
1: IRQ active low
6.32 TX Block Size Control Register (3FH)
Bit
Name
Default
Description
7:6
Reserved
PS0,RO
Reserved
5:0
TX_SIZE
P20h,RW
TX Block Size in 2-Port Mode
This value defines the transmit block size in 256-byte unit.
TX memory size = TX_SIZE * 256 bytes
And then
RX memory size = 16KB – (TX_SIZE + 1)*256-Byte
Note: The value of TX_SIZE should be between 14H and 30H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com