Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 36 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD6659 Datasheet HTML 32Page - Analog Devices AD6659 Datasheet HTML 33Page - Analog Devices AD6659 Datasheet HTML 34Page - Analog Devices AD6659 Datasheet HTML 35Page - Analog Devices AD6659 Datasheet HTML 36Page - Analog Devices AD6659 Datasheet HTML 37Page - Analog Devices AD6659 Datasheet HTML 38Page - Analog Devices AD6659 Datasheet HTML 39Page - Analog Devices AD6659 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
AD6659
Rev.
| Page 36 of
40
QEC Initial Gain 0 and QEC Initial Gain 1 (Register 0x116
and Register 0x117)
Bits[14:0]—Initial Gain[14:0]
When the force gain bit (Register 0x111, Bit 0) is set high, these
values are used for gain error correction.
QEC Initial Phase 0 and QEC Initial Phase 1 (Register 0x118
and Register 0x119)
Bits[12:0]—Initial Phase[12:0]
When the force phase bit (Register 0x111, Bit 1) is set high,
these values are used for phase error correction.
QEC Initial DC I (Register 0x11A and Register 0x11B)
Bits[13:0]—Initial DC I[13:0]
When the force dc bit (Register 0x111, Bit 2) is set high, these
values are used for dc error correction.
QEC Initial DC Q (Register 0x11C and Register 0x11D)
Bits[13:0]—Initial DC Q[13:0]
When the force dc bit (Register 0x111, Bit 2) is set high, these
values are used for dc error correction.
NSR Control (Register 0x11E)
Bits[7:3]—Open
Bits[2:1]—Noise Shaping Mode
These bits select the mode of the noise shaping requantizer as
shown in Table 18.
Bit 0—NSR On and Off Control
When set high, this bit enables the NSR function.
Table 18.
Setting
Mode
00
Low pass mode
01
High pass mode
1x
Band-pass mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com