Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 20 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6659 Datasheet HTML 16Page - Analog Devices AD6659 Datasheet HTML 17Page - Analog Devices AD6659 Datasheet HTML 18Page - Analog Devices AD6659 Datasheet HTML 19Page - Analog Devices AD6659 Datasheet HTML 20Page - Analog Devices AD6659 Datasheet HTML 21Page - Analog Devices AD6659 Datasheet HTML 22Page - Analog Devices AD6659 Datasheet HTML 23Page - Analog Devices AD6659 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD6659
Rev.
| Page 20 of
40
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD6659 sample clock inputs,
CLK+ and CLK−, with a differential signal. The signal is typically
ac-coupled into the CLK+ and CLK− pins via a transformer or
capacitors. These pins are biased internally (see Figure 36) and
require no external bias.
0.9V
AVDD
2pF
2pF
CLK–
CLK+
Figure 36. Equivalent Clock Input Circuit
Clock Input Options
The AD6659 has a very flexible clock input structure. The clock
input can be a CMOS, LVDS, LVPECL, or sine wave signal.
Regardless of the type of signal being used, clock source jitter
is of the most concern, as described in the Jitter Considerations
section.
Figure 37 and Figure 38 show two preferred methods for clocking
the AD6659 (at clock rates up to 480 MHz before the internal
CLK divider). A low jitter clock source is converted from a
single-ended signal to a differential signal using either an RF
transformer or an RF balun.
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 480 MHz, and the RF transformer is
recommended for clock frequencies from 10 MHz to 200 MHz.
The back-to-back Schottky diodes across the transformer/balun
secondary limit clock excursions into the AD6659 to approximately
0.8 V p-p differential.
This limit helps prevent the large voltage swings of the clock from
feeding through to other portions of the AD6659 while preserving
the fast rise and fall times of the signal that are critical to a low
jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50
Ω
100
Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1 Z
XFMR
Figure 37. Transformer-Coupled Differential Clock (Up to 200 MHz)
0.1µF
0.1µF
1nF
CLOCK
INPUT
1nF
50
Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 38. Balun-Coupled Differential Clock (Up to 480 MHz)
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 39. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516/AD9517 clock drivers offer
excellent jitter performance.
100
Ω
0.1µF
0.1µF
0.1µF
0.1µF
240
Ω
240
Ω
50k
Ω
50k
Ω
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
ADC
AD951x
PECL DRIVER
Figure 39. Differential PECL Sample Clock (Up to 480 MHz)
Another option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 40. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516/AD9517
clock drivers offer excellent jitter performance.
100
Ω
0.1µF
0.1µF
0.1µF
0.1µF
50k
Ω
50k
Ω
CLK–
CLK+
ADC
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
Figure 40. Differential LVDS Sample Clock (Up to 480 MHz)
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended 1.8 V CMOS signal. In such
applications, drive the CLK+ pin directly from a CMOS gate and
bypass the CLK− pin to ground with a 0.1 μF capacitor (see
Figure 41).
OPTIONAL
100
Ω
0.1µF
0.1µF
0.1µF
50
Ω1
150
Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
VCC
1k
Ω
1k
Ω
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 41. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com