Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 10 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6659 Datasheet HTML 6Page - Analog Devices AD6659 Datasheet HTML 7Page - Analog Devices AD6659 Datasheet HTML 8Page - Analog Devices AD6659 Datasheet HTML 9Page - Analog Devices AD6659 Datasheet HTML 10Page - Analog Devices AD6659 Datasheet HTML 11Page - Analog Devices AD6659 Datasheet HTML 12Page - Analog Devices AD6659 Datasheet HTML 13Page - Analog Devices AD6659 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD6659
Rev.
| Page 10 of
40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK+
CLK–
SYNC
NC
NC
NC
NC
(LSB) D0B
D1B
DRVDD
D2B
D3B
D4B
D5B
D6B
D7B
PDWN
OEB
CSB
SCLK/DFS
SDIO/DCS
ORA
D11A (MSB)
D10A
D9A
D8A
D7A
DRVDD
D6A
D5A
D4A
D3A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE MUST BE SOLDERED TO THE PCB GROUND TO
ENSURE PROPER HEAT DISSIPATION, NOISE, AND MECHANICAL
STRENGTH BENEFITS.
AD6659
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
0, EP
AGND
Exposed paddle is the only ground connection for the chip. It must be connected to
the printed circuit board (PCB) AGND.
1, 2
CLK+, CLK−
Differential Encode Clock. PECL, LVDS, or 1.8 V CMOS inputs.
3
SYNC
Digital Input. SYNC input to clock divider. 30 kΩ internal pull-down.
4 to 7, 25 to 27, 29
NC
Do Not Connect.
8, 9, 11 to 18, 20, 21
D0B to D11B
Channel B Digital Outputs. D11B is the MSB and D0B is the LSB.
10, 19, 28, 37
DRVDD
Digital Output Driver Supply (1.8 V to 3.3 V).
22
ORB
Channel B Out-of-Range Digital Output.
23
DCOB
Channel B Data Clock Digital Output.
24
DCOA
Channel A Data Clock Digital Output.
30 to 36, 38 to 42
D0A to D11A
Channel A Digital Outputs. D11A is the MSB and D0A is the LSB.
43
ORA
Channel A Out-of-Range Digital Output.
44
SDIO/DCS
SPI Data Input/Output (SDIO). The SDIO function provides bidirectional SPI data I/O in
SPI mode with a 30 kΩ internal pull-down in SPI mode. The duty cycle stabilizer (DCS pin
function) is the static enable input for the duty cycle stabilizer in non-SPI mode with a
30 kΩ internal pull-up in non-SPI (DCS) mode.
45
SCLK/DFS
SPI Clock (SCLK) Input in SPI Mode/Data Format Select (DFS). 30 kΩ internal pull-down for both
SCLK and DFS. The DFS function provides static control of data output format in non-SPI mode.
When DFS is high, it equals twos complement output. When DFS is low, it equals offset binary
output.
46
CSB
SPI Chip Select. Active low enable; 30 kΩ internal pull-up.
47
OEB
Digital Input. When OEB is low, it enables the Channel A and Channel B digital outputs; when
OEB is high, the outputs are tristated. 30 kΩ internal pull-down.
48
PDWN
Digital Input. 30 kΩ internal pull-down. When PDWN is high, it powers down the device.
When PDWN is low, the device runs in normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com