Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 16 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6659 Datasheet HTML 12Page - Analog Devices AD6659 Datasheet HTML 13Page - Analog Devices AD6659 Datasheet HTML 14Page - Analog Devices AD6659 Datasheet HTML 15Page - Analog Devices AD6659 Datasheet HTML 16Page - Analog Devices AD6659 Datasheet HTML 17Page - Analog Devices AD6659 Datasheet HTML 18Page - Analog Devices AD6659 Datasheet HTML 19Page - Analog Devices AD6659 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AD6659
Rev.
| Page 16 of
40
THEORY OF OPERATION
The AD6659 dual ADC design can be used for diversity recep-
tion of signals, where the ADCs are operating identically on the
same carrier but from two separate antennae. The ADCs can be
operated with independent analog inputs. The user can sample
any fS/2 frequency segment from dc to 200 MHz, using appropriate
low-pass or band-pass filtering at the ADC inputs with little loss
in ADC performance. Operation to 300 MHz analog input is
permitted but occurs at the expense of increased ADC noise
and distortion.
In nondiversity applications, the AD6659 can be used as a base-
band or direct downconversion receiver, where one ADC is used
for I input data and the other ADC is used for Q input data.
Synchronization capability is provided to allow synchronized
timing between multiple channels or multiple devices.
The AD6659 features a noise shaping requantizer (NSR) to
allow higher than 12-bit SNR to be maintained in a subset of
the Nyquist band.
The AD6659 also incorporates an optional integrated dc offset
correction and quadrature error correction (QEC) block that
can correct for dc offset, gain, and phase mismatch between the
two channels. This functional block can be very beneficial to
complex signal processing applications such as direct conversion
receivers.
Programming and control of the AD6659 is accomplished using
a 3-wire, SPI-compatible serial interface.
ADC ARCHITECTURE
The AD6659 architecture consists of a multistage, pipelined ADC.
Each stage provides sufficient overlap to correct for flash errors
in the preceding stage. The quantized outputs from each stage
are combined into a final 12-bit result in the digital correction
logic. Alternately, the 12-bit result can be processed through the
noise shaping requantizer (NSR) block before it is sent to the
digital correction logic.
The pipelined architecture permits the first stage to operate
with a new input sample while the remaining stages operate
with preceding samples. Sampling occurs on the rising edge
of the clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched capacitor DAC
and an interstage residue amplifier (for example, a multiplying
digital-to-analog converter (MDAC)). The residue amplifier
magnifies the difference between the reconstructed DAC output
and the flash input for the next stage in the pipeline. One bit of
redundancy is used in each stage to facilitate digital correction
of flash errors. The last stage simply consists of a flash ADC.
Each ADC output is connected internally to an NSR block. The
integrated NSR circuitry allows for improved SNR performance
in a smaller frequency band within the Nyquist region. The
device supports two different output modes selectable via the
SPI. With the NSR feature enabled, the outputs of the ADCs are
processed such that the AD6659 supports enhanced SNR
performance within a limited region of the Nyquist bandwidth
while maintaining a 12-bit output resolution. With the NSR
block disabled, the ADC data is provided directly to the output
with an output resolution of 12 bits. The output staging block
aligns the data, corrects errors, and passes the data to the
CMOS output buffers. The output buffers are powered from a
separate (DRVDD) supply, allowing adjustment of the output
voltage swing. During power-down, the output buffers go into a
high impedance state.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD6659 is a differential switched capacitor
circuit designed for processing differential input signals. This
circuit can support a wide common-mode range while maintaining
excellent performance. By using an input common-mode voltage
of midsupply, users can minimize signal dependent errors and
achieve optimum performance.
SS
H
CPAR
CSAMPLE
CSAMPLE
CPAR
VIN–x
H
SS
H
VIN+x
H
Figure 26. Switched Capacitor Input Circuit
The clock signal alternately switches the input circuit between
sample and hold mode (see Figure 26). When the input circuit
is switched to sample mode, the signal source must be capable
of charging the sample capacitors and settling within one-half
of a clock cycle. A small resistor in series with each input can
help reduce the peak transient current injected from the output
stage of the driving source. In addition, low Q inductors or ferrite
beads can be placed on each leg of the input to reduce high
differential capacitance at the analog inputs and, therefore, achieve
the maximum bandwidth of the ADC. Such use of low Q
inductors or ferrite beads is required when driving the converter
front end at high IF frequencies. Either a shunt capacitor or two
single-ended capacitors can be placed on the inputs to provide a
matching passive network. This ultimately creates a low-pass
filter at the input to limit unwanted broadband noise. See the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com