Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 34 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6659 Datasheet HTML 30Page - Analog Devices AD6659 Datasheet HTML 31Page - Analog Devices AD6659 Datasheet HTML 32Page - Analog Devices AD6659 Datasheet HTML 33Page - Analog Devices AD6659 Datasheet HTML 34Page - Analog Devices AD6659 Datasheet HTML 35Page - Analog Devices AD6659 Datasheet HTML 36Page - Analog Devices AD6659 Datasheet HTML 37Page - Analog Devices AD6659 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AD6659
Rev.
| Page 34 of
40
Addr
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
0x1A
USER_PATT1_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
Pattern 1, MSB
0x1B
USER_PATT2_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
Pattern 2, LSB
0x1C
USER_PATT2_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
Pattern 2, MSB
0x24
BIST signature LSB
BIST signature [7:0]
0x00
Least significant
byte of BIST
signature, read
only
0x2A
Features
Open
Open
Open
Open
Open
Open
Open
OR OE
(local)
0x01
Disable the ORx pin
for the indexed
channel
0x2E
Output assign
Open
Open
Open
Open
Open
Open
Open
0 = ADC A
Ch A =
0x00
Assigns an ADC to
an output channel
1 = ADC B
(local)
Ch B =
0x01
Digital Feature Control Registers
0x100
Sync control
(global)
Open
Open
Open
Open
Open
Clock
divider
next
sync
only
Clock
divider
sync
enable
Master
sync
enable
0x01
0x101
USR2
Enable
OEB
Pin 47
(local)
Open
Open
Open
Enable
GCLK
detect
Run
GCLK
Open
Disable
SDIO pull-
down
0x88
Enables internal
oscillator for clock
rates < 5 MHz
0x110
QEC Control 0
Open
Open
Freeze dc
Freeze
phase
Freeze
gain
DC
enable
Phase
enable
Gain
enable
0x00
0x111
QEC Control 1
Open
Open
Open
Open
Open
Force
dc
Force
phase
Force
gain
0x00
0x112
QEC gain band-
width control
Open
Kexp_gain, Bits[4:0]
0x02
0x113
QEC phase band-
width control
Open
Kexp_phase, Bits[4:0]
0x02
0x114
QEC dc band-
width control
Open
Kexp_DC, Bits[4:0]
0x02
0x116
QEC Initial Gain 0
Initial gain, Bits[7:0]
0x00
0x117
QEC Initial Gain 1
Open
Initial gain, Bits[14:8]
0x00
0x118
QEC Initial Phase 0
Initial phase, Bits[7:0]
0x00
0x119
QEC Initial Phase 1
Open
Initial phase, Bits[12:8]
0x00
0x11A
QEC Initial DC I 0
Initial DC I, Bits[7:0]
0x00
0x11B
QEC Initial DC I 1
Open
Initial DC I, Bits[13:8]
0x00
0x11C
QEC Initial DC Q 0
Initial DC Q, Bits[7:0]
0x00
0x11D
QEC Initial DC Q 1
Open
Initial DC Q, Bits[13:8]
0x00
0x11E
NSR Control
Open
Noise shaping mode:
Enable
NSR
0x00
 
00 = low pass
01 = high pass
1x = band-pass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com