Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 4 Page - Analog Devices

  AD6659 Datasheet HTML 1Page - Analog Devices AD6659 Datasheet HTML 2Page - Analog Devices AD6659 Datasheet HTML 3Page - Analog Devices AD6659 Datasheet HTML 4Page - Analog Devices AD6659 Datasheet HTML 5Page - Analog Devices AD6659 Datasheet HTML 6Page - Analog Devices AD6659 Datasheet HTML 7Page - Analog Devices AD6659 Datasheet HTML 8Page - Analog Devices AD6659 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD6659
Rev.
| Page 4 of 4
0
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS disabled, unless otherwise noted.
Table 1.
Parameter
Temp
Min
Typ
Max
Unit
RESOLUTION
Full
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
±0.05
±0.5
% FSR
Gain Error1
Full
−1.9
% FSR
Differential Nonlinearity (DNL)2
Full
±0.30
LSB
25°C
±0.13
LSB
Integral Nonlinearity (INL)2
Full
±0.40
LSB
25°C
±0.17
LSB
MATCHING CHARACTERISTICS
Offset Error
25°C
±0.0
±0.65
% FSR
Gain Error1
25°C
0.4
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±2
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
Full
0.981
0.993
1.005
V
Load Regulation Error at 1.0 mA
Full
2
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
0.25
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
V p-p
Input Capacitance3
Full
6.5
pF
Input Common-Mode Voltage
Full
0.9
V
Input Common-Mode Range
Full
0.5
1.3
V
REFERENCE INPUT RESISTANCE
Full
7.5
kΩ
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
3.6
V
Supply Current
IAVDD2
Full
113
119
mA
IDRVDD2 (1.8 V)
Full
9.3
mA
IDRVDD2 (3.3 V)
Full
18.5
mA
POWER CONSUMPTION
DC Input
Full
196
mW
Sine Wave Input2 (DRVDD = 1.8 V)
Full
220
240
mW
Sine Wave Input2 (DRVDD = 3.3 V)
Full
264
mW
Standby Power4
Full
37
mW
Power-Down Power
Full
1.0
mW
1 Measured with 1.0 V external reference.
2 Measured with a 10 MHz input frequency at rated sample rate, full-scale sine wave, with approximately 5 pF loading on each output bit.
3 Input capacitance refers to the effective capacitance between one differential input pin and AGND.
4 Standby power is measured with a dc input and the CLK active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com