Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 30 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6659 Datasheet HTML 26Page - Analog Devices AD6659 Datasheet HTML 27Page - Analog Devices AD6659 Datasheet HTML 28Page - Analog Devices AD6659 Datasheet HTML 29Page - Analog Devices AD6659 Datasheet HTML 30Page - Analog Devices AD6659 Datasheet HTML 31Page - Analog Devices AD6659 Datasheet HTML 32Page - Analog Devices AD6659 Datasheet HTML 33Page - Analog Devices AD6659 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
AD6659
Rev.
| Page 30 of
40
HARDWARE INTERFACE
The pins described in Table 14 constitute the physical interface
between the programming device of the user and the serial port
of the AD6659. When using the SPI interface, SCLK and CSB
function as inputs. SDIO is bidirectional, functioning as an input
during write phases and as an output during readback.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in the AN-812 Application Note,
Microcontroller-Based Serial Port Interface (SPI) Boot Circuit.
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK signal, the CSB signal, and the SDIO signal are typically
asynchronous to the ADC clock, noise from these signals can
degrade converter performance. If the on-board SPI bus is used for
other devices, it may be necessary to provide buffers between
this bus and the AD6659 to prevent these signals from transi-
tioning at the converter inputs during critical sampling periods.
SDIO/DCS and SCLK/DFS serve a dual function when the SPI
interface is not being used. When the pins are strapped to DRVDD
or ground during device power-on, they are associated with a
specific function. The Digital Outputs section describes the
strappable functions supported on the AD6659.
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
SDIO/DCS, SCLK/DFS, OEB, and PDWN serve as standalone
CMOS-compatible control pins. When the device is powered
up, it is assumed that the user intends to use the pins as static
control lines for the duty cycle stabilizer, output data format,
output enable, and power-down feature control. In this mode,
connect the CSB pin to DRVDD, which disables the serial port
interface.
Table 15. Mode Selection
Pin
External Voltage
Configuration
SDIO/DCS
DRVDD
Duty cycle stabilizer enabled
AGND (default)
Duty cycle stabilizer disabled
SCLK/DFS
DRVDD
Twos complement enabled
AGND (default)
Offset binary enabled
OEB
DRVDD
Outputs in high impedance
AGND (default)
Outputs enabled
PDWN
DRVDD
Chip in power-down or standby
AGND (default)
Normal operation
SPI ACCESSIBLE FEATURES
Table 16 provides a brief description of the general features that
are accessible via the SPI. These features are described in detail
in the AN-877 Application Note, Interfacing to High Speed ADCs
via SPI. The AD6659 part-specific features are described in
detail in Table 17.
Table 16. Features Accessible Using the SPI
Feature
Description
Mode
Allows the user to set either power-down mode
or standby mode
Clock
Allows the user to access the DCS via the SPI
Offset
Allows the user to digitally adjust the converter
offset
Test I/O
Allows the user to set test modes to place
known data on output bits
Output Mode
Allows the user to set up outputs
Output Phase
Allows the user to set the output clock polarity
Output Delay
Allows the user to vary the DCO delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com