Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 32 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6659 Datasheet HTML 28Page - Analog Devices AD6659 Datasheet HTML 29Page - Analog Devices AD6659 Datasheet HTML 30Page - Analog Devices AD6659 Datasheet HTML 31Page - Analog Devices AD6659 Datasheet HTML 32Page - Analog Devices AD6659 Datasheet HTML 33Page - Analog Devices AD6659 Datasheet HTML 34Page - Analog Devices AD6659 Datasheet HTML 35Page - Analog Devices AD6659 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD6659
Rev.
| Page 32 of
40
MEMORY MAP REGISTER TABLE
All address and bit locations excluded from Table 17 are not currently supported for this device.
Table 17.
Addr
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
Chip Configuration Registers
0x00
SPI port
configuration
(global)
0
LSB
first
Soft reset
1
1
Soft
reset
LSB first
0
0x18
The nibbles are
mirrored so that
LSB- or MSB-first
mode registers
correctly, regardless
of shift mode
0x01
Chip ID (global)
8-bit Chip ID Bits[7:0]
AD6659 = 0x76
Unique chip ID
used to
differentiate
devices; read only
0x02
Chip grade
(global)
Open
Speed Grade ID[6:4]
80 MSPS = 011
Open
Unique speed
grade ID used to
differentiate
devices; read only
Device Index and Transfer Registers
0x05
Channel index
Open
Open
Open
Open
Open
Open
ADC B
default
ADC A
default
0x03
Bits are set to
determine which
device on chip
receives the next
write command;
the default is all
devices on chip
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Transfer
0x00
Synchronously
transfers data from
the master shift
register to the slave
Program Registers (May or May Not Be Indexed by Device Index)
0x08
Modes
External
power-
down
enable
(local)
External pin function
Open
Open
00 = chip run
0x80
Determines various
generic modes of
chip operation
0x00 full power-down
01 = full power-down
0x01 standby (local)
10 = standby
11 = chip wide digital
reset (local)
0x09
Clock (global)
Open
Open
Open
Open
Open
Duty
cycle
stabilize
0x00
Enables or disables
theDCS
0x0B
Clock divide
(global)
Open
Clock Divider[2:0]
0x00
The divide ratio is
the value plus 1
Clock divide ratio
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com