Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 5 Page - Analog Devices

  AD6659 Datasheet HTML 1Page - Analog Devices AD6659 Datasheet HTML 2Page - Analog Devices AD6659 Datasheet HTML 3Page - Analog Devices AD6659 Datasheet HTML 4Page - Analog Devices AD6659 Datasheet HTML 5Page - Analog Devices AD6659 Datasheet HTML 6Page - Analog Devices AD6659 Datasheet HTML 7Page - Analog Devices AD6659 Datasheet HTML 8Page - Analog Devices AD6659 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD6659
Rev.
| Page 5 of
40
AC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS disabled, unless otherwise noted.
Table 2.
Parameter1
Temp
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)—NSR DISABLED
fIN = 9.7 MHz
25°C
72.4
dBFS
fIN = 30.5 MHz
25°C
72.3
dBFS
fIN = 70 MHz
25°C
72.0
dBFS
Full
71.4
dBFS
SIGNAL-TO-NOISE RATIO (SNR)—NSR ENABLED
20% Bandwidth (16 MHz @ 80 MSPS)
fIN = 9.7 MHz
25°C
81.5
dBFS
fIN = 30.5 MHz
25°C
81.2
dBFS
fIN = 70 MHz
25°C
80.3
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD)
fIN = 9.7 MHz
25°C
72.4
dBFS
fIN = 30.5 MHz
25°C
72.2
dBFS
fIN = 70 MHz
25°C
71.9
dBFS
Full
71.5
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
11.7
Bits
fIN = 30.5 MHz
25°C
11.7
Bits
fIN = 70 MHz
25°C
11.7
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 9.7 MHz
25°C
−93
dBc
fIN = 30.5 MHz
25°C
−92
dBc
fIN = 70 MHz
25°C
−90
dBc
Full
−80
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
93
dBc
fIN = 30.5 MHz
25°C
92
dBc
fIN = 70 MHz
25°C
90
dBc
Full
80
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 9.7 MHz
25°C
−99
dBc
fIN = 30.5 MHz
25°C
−99
dBc
fIN = 70 MHz
25°C
−98
dBc
Full
−91
dBc
TWO-TONE SFDR
fIN = 28.3 MHz (−7 dBFS), 30.6 MHz (−7 dBFS)
25°C
90
dBc
CROSSTALK2
Full
−110
dBc
ANALOG INPUT BANDWIDTH
25°C
700
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Crosstalk is measured at 100 MHz with −1.0 dBFS on one channel and no input on the alternate channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com