Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 1 Page - Analog Devices

  AD6659 Datasheet HTML 1Page - Analog Devices AD6659 Datasheet HTML 2Page - Analog Devices AD6659 Datasheet HTML 3Page - Analog Devices AD6659 Datasheet HTML 4Page - Analog Devices AD6659 Datasheet HTML 5Page - Analog Devices AD6659 Datasheet HTML 6Page - Analog Devices AD6659 Datasheet HTML 7Page - Analog Devices AD6659 Datasheet HTML 8Page - Analog Devices AD6659 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Dual IF Receiver
AD6659
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
12-bit, 80 MSPS output data rate per channel
1.8 V analog supply operation (AVDD)
1.8 V to 3.3 V output supply (DRVDD)
Integrated noise shaping requantizer (NSR)
Integrated quadrature error correction (QEC)
Performance with NSR enabled
SNR = 81 dBFS in 16 MHz band up to 30 MHz at 80 MSPS
Performance with NSR disabled
SNR = 72 dBFS up to 70 MHz at 80 MSPS
SFDR = 90 dBc up to 70 MHz input at 80 MSPS
Low power: 98 mW per channel at 80 MSPS
Differential input with 700 MHz bandwidth
On-chip voltage reference and sample-and-hold circuit
2 V p-p differential analog input
Serial port control options
Offset binary, gray code, or twos complement data format
Optional clock duty cycle stabilizer
Integer 1-to-6 input clock divider
Data output multiplex option
Built-in selectable digital test pattern generation
Energy-saving power-down modes
Data clock out with programmable clock and data alignment
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers
3G, W-CDMA, LTE, CDMA2000, TD-SCDMA, MC-GSM
I/Q demodulation systems
Smart antenna systems
Battery-powered instruments
General-purpose software radios
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
ADC
NOISE
SHAPING
REQUANTIZER
REF
SELECT
QUADRATURE
ERROR AND
DC OFFSET
CORRECTION
VREF
SENSE
RBIAS
16
12
AD6659
SPI
MODE
CONTROLS
DUTY CYCLE
STABILIZER
DIVIDE
1TO 6
VCM
VIN+B
VIN–B
ADC
NOISE
SHAPING
REQUANTIZER
QUADRATURE
ERROR AND
DC OFFSET
CORRECTION
16
12
CLK+ CLK–
DCS
DFS
AVDD
AGND
SDIO
SCLK
CSB
SYNC
PDWN
OEB
ORA
D11A (MSB)
D0A (LSB)
DCOA
DRVDD
ORB
D11B (MSB)
D0B (LSB)
DCOB
PROGRAMMING DATA
Figure 1.
PRODUCT HIGHLIGHTS
1.
The AD6659 operates from a single 1.8 V analog power
supply and features a separate digital output driver supply
to accommodate 1.8 V to 3.3 V logic families.
2.
SPI-selectable noise shaping requantizer (NSR) function
that allows for improved SNR within a reduced bandwidth
of up to 70 MHz at 80 MSPS.
3.
SPI-selectable dc correction and quadrature error
correction (QEC) that corrects for dc offset, gain, and
phase mismatches between the two channels.
4.
A standard serial port interface supports various product
features and functions, such as data output formatting,
internal clock divider, power-down, DCO/data timing,
offset adjustments, and voltage reference modes.
5.
The AD6659 is packaged in a 64-lead RoHS-compliant
LFCSP that is pin compatible with the AD9269 16-bit
ADC, the AD9268 16-bit ADC, the AD9258 14-bit ADC,
the AD9251 14-bit ADC, the AD9231 12-bit ADC, and the
AD9204 10-bit ADC, enabling a simple migration path
between 10-bit and 16-bit converters sampling from
20 MSPS to 125 MSPS.


Similar Part No. - AD6659

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6650 AD-AD6650 Datasheet
594Kb / 28P
Diversity IF to Baseband GSM/EDGE Narrowband Receiver
AD6650 AD-AD6650 Datasheet
755Kb / 45P
GSM/EDGE Narrow-Band Receiver
29-Nov-2017
AD6650/PCB AD-AD6650/PCB Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6650/PCB AD-AD6650/PCB Datasheet
755Kb / 45P
GSM/EDGE Narrow-Band Receiver
29-Nov-2017
AD6650ABC AD-AD6650ABC Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
More results

Similar Description - AD6659

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6673 AD-AD6673 Datasheet
1Mb / 45P
80 MHz Bandwidth, Dual IF Receiver
REV. C
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
29-Nov-2017
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
23-Feb-2017
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
80 MHz Bandwidth, Dual IF Receiver
25-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com