Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 33 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6659 Datasheet HTML 29Page - Analog Devices AD6659 Datasheet HTML 30Page - Analog Devices AD6659 Datasheet HTML 31Page - Analog Devices AD6659 Datasheet HTML 32Page - Analog Devices AD6659 Datasheet HTML 33Page - Analog Devices AD6659 Datasheet HTML 34Page - Analog Devices AD6659 Datasheet HTML 35Page - Analog Devices AD6659 Datasheet HTML 36Page - Analog Devices AD6659 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
AD6659
Rev.
| Page 33 of
40
Addr
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
0x0D
Test mode (local)
User test mode
(local)
Reset PN
long gen
Reset
PN
short
gen
Output test mode [3:0] (local)
0x00
When set, the test
data is placed on
the output pins in
place of normal
data
00 = single
0000 = off (default)
01 = alternate
0001 = midscale short
10 = single once
0010 = positive FS
11 = alternate
once
0011 = negative FS
0100 = alternating checkerboard
0101 = PN 23 sequence
0110 = PN 9 sequence
0111 = 1-/0-word toggle
1000 = user input
1001 = 1-/0-bit toggle
1010 = 1× sync
1011 = one bit high
1100 = mixed bit frequency
0x0E
BIST enable
Open
Open
Open
Open
Open
BIST
INIT
Open
BIST
enable
0x00
When Bit 0 is set,
the BIST function is
initiated
0x10
Offset adjust
(local)
8-bit Device Offset Adjustment[7:0] (local)
Offset adjust in LSBs from +127 to −128 (twos complement format)
0x00
Device offset trim
0x14
Output mode
00 = 3.3 V CMOS
Output mux
enable
(interleaved)
Output
disable
(local)
Open
Output
invert
(local)
00 = offset binary
0x00
Configures the
outputs and the
format of the data
10 = 1.8 V CMOS
01 = twos
complement
10 = gray code
11 = offset binary
(local)
0x15
Output adjust
3.3 V DCO drive
strength
1.8 V DCO drive
strength
3.3 V data drive
strength
1.8 V data drive
strength
0x22
Determines CMOS
output drive
strength properties
00 = 1 stripe
(default)
00 = 1 stripe
00 = 1 stripe
(default)
00 = 1 stripe
01 = 2 stripes
01 = 2 stripes
01 = 2 stripes
01 = 2 stripes
10 = 3 stripes
10 = 3 stripes (default)
10 = 3 stripes
10 = 3 stripes
(default)
11 = 4 stripes
11 = 4 stripes
11 = 4 stripes
11 = 4 stripes
0x16
Output phase
DCO
output
polarity
0 =
normal
1 =
inverted
(local)
Open
Open
Open
Open
Input Clock Phase Adjust[2:0]
(Value is number of input
clock cycles of phase delay)
000 = no delay
001 = 1 input clock cycle
010 = 2 input clock cycles
011 = 3 input clock cycles
100 = 4 input clock cycles
101 = 5 input clock cycles
110 = 6 input clock cycles
111 = 7 input clock cycles
0x00
On devices that use
global clock divide,
this register
determines which
phase of the
divider output is
used to supply the
output clock;
internal latching is
unaffected
0x17
Output delay
Enable
DCO
delay
Open
Enable data
delay
Open
Open
DCO/Data Delay[2:0]
000 = 0.56 ns
001 = 1.12 ns
010 = 1.68 ns
011 = 2.24 ns
100 = 2.80 ns
101 = 3.36 ns
110 = 3.92 ns
111 = 4.48 ns
0x00
Sets the fine output
delay of the output
clock but does not
change internal
timing
0x19
USER_PATT1_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
Pattern 1, LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com