Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 14 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6659 Datasheet HTML 10Page - Analog Devices AD6659 Datasheet HTML 11Page - Analog Devices AD6659 Datasheet HTML 12Page - Analog Devices AD6659 Datasheet HTML 13Page - Analog Devices AD6659 Datasheet HTML 14Page - Analog Devices AD6659 Datasheet HTML 15Page - Analog Devices AD6659 Datasheet HTML 16Page - Analog Devices AD6659 Datasheet HTML 17Page - Analog Devices AD6659 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD6659
Rev.
| Page 14 of
40
EQUIVALENT CIRCUITS
AVDD
VIN±x
Figure 17. Equivalent Analog Input Circuit
CLK+
CLK–
0.9V
15k
Ω
5
Ω
5
Ω
15k
Ω
AVDD
AVDD
Figure 18. Equivalent Clock Input Circuit
30k
Ω
30k
Ω
SDIO/DCS
350
Ω
AVDD
DRVDD
Figure 19. Equivalent SDIO/DCS Input Circuit
DRVDD
Figure 20. Equivalent Digital Output Circuit
350
Ω
DRVDD
30k
Ω
SCLK/DFS, SYNC,
OEB, AND PDWN
Figure 21. Equivalent SCLK/DFS, SYNC, OEB, and PDWN Input Circuit
RBIAS
AND VCM
375
Ω
AVDD
Figure 22. Equivalent RBIAS and VCM Circuit
30k
Ω
CSB
350
Ω
AVDD
DRVDD
Figure 23. Equivalent CSB Input Circuit
SENSE
375
Ω
AVDD
Figure 24. Equivalent SENSE Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com