Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 24 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6659 Datasheet HTML 20Page - Analog Devices AD6659 Datasheet HTML 21Page - Analog Devices AD6659 Datasheet HTML 22Page - Analog Devices AD6659 Datasheet HTML 23Page - Analog Devices AD6659 Datasheet HTML 24Page - Analog Devices AD6659 Datasheet HTML 25Page - Analog Devices AD6659 Datasheet HTML 26Page - Analog Devices AD6659 Datasheet HTML 27Page - Analog Devices AD6659 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD6659
Rev.
| Page 24 of
40
BUILT-IN SELF-TEST AND OUTPUT TEST
The AD6659 includes a built-in self-test (BIST) feature designed to
enable verification of the integrity of each channel as well as to
facilitate board level debugging. A BIST feature that verifies the
integrity of the digital datapath of the AD6659 is included.
Various output test options are also provided to place predictable
values on the outputs of the AD6659.
BIST
The BIST is a thorough test of the digital portion of the selected
AD6659 signal path. Perform the BIST test after a reset to ensure
that the part is in a known state. During BIST, data from an internal
pseudorandom noise (PN) source is driven through the digital
datapath of both channels, starting at the ADC block output. At
the datapath output, CRC logic calculates a signature from the
data. The BIST sequence runs for 512 cycles and then stops.
When completed, the BIST compares the signature results with a
predetermined value. If the signatures match, the BIST sets Bit 0
of Register 0x24, signifying that the test passed. If the BIST test
failed, Bit 0 of Register 0x24 is cleared. The outputs are
connected during this test so that the PN sequence can be
observed as it runs. Writing the value of 0x05 to Register 0x0E
runs the BIST. This enables Bit 0 (BIST enable) of Register 0x0E
and resets the PN sequence generator, Bit 2 (BIST INIT) of Register
0x0E. At the completion of the BIST, Bit 0 of Register 0x24
automatically clears. The PN sequence can be continued from its
last value by writing a 0 in Bit 2 of Register 0x0E. However, if the
PN sequence is not reset, the signature calculation does not
equal the predetermined value at the end of the test. At that point,
the user must rely on verifying the output data.
OUTPUT TEST MODES
The output test options are described in Table 17 at Address 0x0D.
When an output test mode is enabled, the analog section of the
ADC is disconnected from the digital back end blocks and the
test pattern is run through the output formatting block. Some of
the test patterns are subject to output formatting, and some of
the test patterns are not. The PN generators from the PN sequence
tests can be reset by setting Bit 4 or Bit 5 of Register 0x0D.
These tests can be performed with or without an analog signal
(if present, the analog signal is ignored), but they do require
an encode clock. For more information, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com