Electronic Components Datasheet Search
  English  ▼

X  

AD6659 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6659
Description  Dual IF Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6659 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6659 Datasheet HTML 8Page - Analog Devices AD6659 Datasheet HTML 9Page - Analog Devices AD6659 Datasheet HTML 10Page - Analog Devices AD6659 Datasheet HTML 11Page - Analog Devices AD6659 Datasheet HTML 12Page - Analog Devices AD6659 Datasheet HTML 13Page - Analog Devices AD6659 Datasheet HTML 14Page - Analog Devices AD6659 Datasheet HTML 15Page - Analog Devices AD6659 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD6659
Rev.
| Page 12 of
40
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS disabled, unless otherwise noted.
0
–20
–40
–60
–80
–120
–100
–140
5
0
1015
2025303540
0
FREQUENCY (MHz)
80MSPS
9.7MHz @ –1dBFS
SNR = 70.2dB (71.2dBFS)
SFDR = 93.6dBc
Figure 6. Single-Tone FFT with fIN = 9.7 MHz
0
–20
–40
–60
–80
–120
–100
–140
5
0
1015
2025303540
FREQUENCY (MHz)
80MSPS
30.6MHz @ –1dBFS
SNR = 71.4 dB (72.4dBFS)
SFDR = 94.4dBc
Figure 7. Single-Tone FFT with fIN = 30.6 MHz
–20
0
–140
–40
–60
–80
–120
–100
5
0
1015
2025303540
FREQUENCY (MHz)
80MSPS
69MHz @ –1dBFS
SNR = 70dB (71dBFS)
SFDR = 88.9dBc
Figure 8. Single-Tone FFT with fIN = 69 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
4
0
8
12
16
20
24
28
32
36
40
FREQUENCY (MHz)
80MSPS
100.3MHz @ –1dBFS
SNR = 70.5dB (71.5dBFS)
SFDR = 83.5dBc
Figure 9. Single-Tone FFT with fIN = 100.3 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
4
0
8
12
16
20
24
28
32
36
40
FREQUENCY (MHz)
F2 – F1
2F2 – F1
2F1 + F2
F1 + F2
2F2 – F1
2F1 – F2
80MSPS
28.3MHz @ –7dBFS
30.6MHz @ –7dBFS
SFDR = 87.9dBc
Figure 10. Two-Tone FFT with fIN1 = 28.3 MHz and fIN2 = 30.6 MHz
–120
–100
–80
–60
–40
–20
0
–70
–60
–50
–40
INPUT AMPLITUDE (dBFS)
–30
–20
–10
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 11. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 28.3 MHz and fIN2 = 30.6 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com