Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 14Page - NXP Semiconductors LPC1313 Datasheet HTML 15Page - NXP Semiconductors LPC1313 Datasheet HTML 16Page - NXP Semiconductors LPC1313 Datasheet HTML 17Page - NXP Semiconductors LPC1313 Datasheet HTML 18Page - NXP Semiconductors LPC1313 Datasheet HTML 19Page - NXP Semiconductors LPC1313 Datasheet HTML 20Page - NXP Semiconductors LPC1313 Datasheet HTML 21Page - NXP Semiconductors LPC1313 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
18 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
7.9 USB interface (LPC1342/43 only)
The Universal Serial Bus (USB) is a 4-wire bus that supports communication between a
host and one or more (up to 127) peripherals. The host controller allocates the USB
bandwidth to attached devices through a token-based protocol. The bus supports
hot-plugging and dynamic configuration of the devices. All transactions are initiated by the
host controller.
The LPC1342/43 USB interface is a device controller with on-chip PHY for device
functions.
7.9.1 Full-speed USB device controller
The device controller enables 12 Mbit/s data exchange with a USB Host controller. It
consists of a register interface, serial interface engine, and endpoint buffer memory. The
serial interface engine decodes the USB data stream and writes data to the appropriate
endpoint buffer. The status of a completed USB transfer or error condition is indicated via
status registers. An interrupt is also generated if enabled.
7.9.1.1
Features
• Dedicated USB PLL available.
• Fully compliant with USB 2.0 specification (full speed).
• Supports 10 physical (5 logical) endpoints with up to 64 bytes buffer RAM per
endpoint (see Table 5).
• Supports Control, Bulk, Isochronous, and Interrupt endpoints.
• Supports SoftConnect feature.
• Double buffer implementation for Bulk and Isochronous endpoints.
7.10 UART
The LPC1311/13/42/43 contains one UART.
Support for RS-485/9-bit mode allows both software address detection and automatic
address detection using 9-bit mode.
Table 5.
USB device endpoint configuration
Logical
endpoint
Physical
endpoint
Endpoint type
Direction
Packet size
(byte)
Double buffer
0
0
Control
out
64
no
0
1
Control
in
64
no
1
2
Interrupt/Bulk
out
64
no
1
3
Interrupt/Bulk
in
64
no
2
4
Interrupt/Bulk
out
64
no
2
5
Interrupt/Bulk
in
64
no
3
6
Interrupt/Bulk
out
64
yes
3
7
Interrupt/Bulk
in
64
yes
4
8
Isochronous
out
512
yes
4
9
Isochronous
in
512
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com