Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 4Page - NXP Semiconductors LPC1313 Datasheet HTML 5Page - NXP Semiconductors LPC1313 Datasheet HTML 6Page - NXP Semiconductors LPC1313 Datasheet HTML 7Page - NXP Semiconductors LPC1313 Datasheet HTML 8Page - NXP Semiconductors LPC1313 Datasheet HTML 9Page - NXP Semiconductors LPC1313 Datasheet HTML 10Page - NXP Semiconductors LPC1313 Datasheet HTML 11Page - NXP Semiconductors LPC1313 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
8 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
6.2 Pin description
Fig 5.
LPC1311/13 HVQFN33 package
002aae517
LPC1311FHN33
LPC1313FHN33
Transparent top view
PIO0_8/MISO/CT16B0_MAT0
PIO1_8/CT16B1_CAP0
PIO0_2/SSEL/CT16B0_CAP0
PIO0_9/MOSI/CT16B0_MAT1/SWO
VDD
SWCLK/PIO0_10/SCK/CT16B0_MAT2
XTALOUT
PIO1_10/AD6/CT16B1_MAT1
XTALIN
R/PIO0_11/AD0/CT32B0_MAT3
PIO0_1/CLKOUT/CT32B0_MAT2
R/PIO1_0/AD1/CT32B1_CAP0
RESET/PIO0_0
R/PIO1_1/AD2/CT32B1_MAT0
PIO2_0/DTR
R/PIO1_2/AD3/CT32B1_MAT1
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area
33 VSS
Table 3.
LPC1313/43 LQFP48 pin description table
Symbol
Pin
Type
Description
RESET/PIO0_0
3[1]
I
RESET — External reset input: A LOW on this pin resets the device,
causing I/O ports and peripherals to take on their default states, and
processor execution to begin at address 0.
I/O
PIO0_0 — General purpose digital input/output pin.
PIO0_1/CLKOUT/
CT32B0_MAT2/
USB_FTOGGLE
4[2]
I/O
PIO0_1 — General purpose digital input/output pin. A LOW level on this pin
during reset starts the ISP command handler or the USB device
enumeration (USB on LPC1343 only, see description of PIO0_3).
O
CLKOUT — Clockout pin.
O
CT32B0_MAT2 — Match output 2 for 32-bit timer 0.
O
USB_FTOGGLE — USB 1 ms Start-of-Frame signal (LPC1343 only).
PIO0_2/SSEL/
CT16B0_CAP0
10[2]
I/O
PIO0_2 — General purpose digital input/output pin.
O
SSEL — Slave select for SSP.
I
CT16B0_CAP0 — Capture input 0 for 16-bit timer 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com