Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 11Page - NXP Semiconductors LPC1313 Datasheet HTML 12Page - NXP Semiconductors LPC1313 Datasheet HTML 13Page - NXP Semiconductors LPC1313 Datasheet HTML 14Page - NXP Semiconductors LPC1313 Datasheet HTML 15Page - NXP Semiconductors LPC1313 Datasheet HTML 16Page - NXP Semiconductors LPC1313 Datasheet HTML 17Page - NXP Semiconductors LPC1313 Datasheet HTML 18Page - NXP Semiconductors LPC1313 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
15 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
The ARM Cortex-M3 processor is described in detail in the Cortex-M3 Technical
Reference Manual which is available on the official ARM website.
7.3 On-chip flash program memory
The LPC1311/13/42/43 contain 32 kB (LPC1313 and LPC1343), 16 kB (LPC1342), or
8 kB (LPC1311) of on-chip flash memory.
7.4 On-chip SRAM
The LPC1311/13/42/43 contain a total of 8 kB (LPC1343 and LPC1313) or 4 kB (LPC1342
and LPC1311) on-chip static RAM memory.
7.5 Memory map
The LPC134x incorporates several distinct memory regions, shown in the following
figures. Figure 6 shows the overall map of the entire address space from the user
program viewpoint following reset. The interrupt vector area supports address remapping.
The AHB peripheral area is 2 MB in size and is divided to allow for up to 128 peripherals.
The APB peripheral area is 512 kB in size and is divided to allow for up to 32 peripherals.
Each peripheral of either type is allocated 16 kB of space. This allows simplifying the
address decoding for each peripheral.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com