Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 25Page - NXP Semiconductors LPC1313 Datasheet HTML 26Page - NXP Semiconductors LPC1313 Datasheet HTML 27Page - NXP Semiconductors LPC1313 Datasheet HTML 28Page - NXP Semiconductors LPC1313 Datasheet HTML 29Page - NXP Semiconductors LPC1313 Datasheet HTML 30Page - NXP Semiconductors LPC1313 Datasheet HTML 31Page - NXP Semiconductors LPC1313 Datasheet HTML 32Page - NXP Semiconductors LPC1313 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
29 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
Ipd
pull-down current
VI = 5 V
10
50
150
μA
Ipu
pull-up current
VI =0V
−15
−50
−85
μA
VDD <VI <5V
0
0
0
μA
High-drive output pin (PIO0_7); see Figure 14 and Figure 16
IIL
LOW-level input current VI = 0 V; on-chip pull-up resistor
disabled
-0.5
10
nA
IIH
HIGH-level input
current
VI =VDD; on-chip pull-down resistor
disabled
-0.5
10
nA
IOZ
OFF-state output
current
VO =0V; VO =VDD; on-chip
pull-up/down resistors disabled
-0.5
10
nA
VI
input voltage
pin configured to provide a digital
function
[10][11]
[12]
0-
5.0
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
IOH = −20 mA
[13] VDD − 0.4 -
-
V
VOL
LOW-level output
voltage
IOL =4 mA
[13] --
0.4
V
IOH
HIGH-level output
current
VOH =VDD − 0.4 V;
VDD ≥ 2.5 V
[13] 20
-
-
mA
IOL
LOW-level output
current
VOL =0.4 V
[13] 4-
-
mA
Ipd
pull-down current
VI = 5 V
10
50
150
μA
Ipu
pull-up current
VI =0V
−15
−50
−85
μA
VDD <VI <5V
0
0
0
μA
I2C-bus pins (PIO0_4 and PIO0_5); see Figure 15
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
-
0.5VDD
-V
VOL
LOW-level output
voltage
IOLS =20 mA
[13] --
0.4
V
ILI
input leakage current
VI =VDD
[15] -2
4
μA
VI = 5 V
-
10
22
μA
Oscillator pins
Vi(xtal)
crystal input voltage
−0.5
1.8
1.95
V
Vo(xtal)
crystal output voltage
−0.5
1.8
1.95
V
USB pins (LPC1342/43 only)
IOZ
OFF-state output
current
0V< VI <3.3 V
-
-
±10
μA
Table 7.
Static characteristics …continued
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com