Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 10Page - NXP Semiconductors LPC1313 Datasheet HTML 11Page - NXP Semiconductors LPC1313 Datasheet HTML 12Page - NXP Semiconductors LPC1313 Datasheet HTML 13Page - NXP Semiconductors LPC1313 Datasheet HTML 14Page - NXP Semiconductors LPC1313 Datasheet HTML 15Page - NXP Semiconductors LPC1313 Datasheet HTML 16Page - NXP Semiconductors LPC1313 Datasheet HTML 17Page - NXP Semiconductors LPC1313 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
14 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
[1]
See Figure 31 for pad characteristics. RESET functionality is not available in Deep power-down mode. Use the WAKEUP pin to reset
the chip and wake up from Deep power-down mode.
[2]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis (see Figure 30).
[3]
I2C-bus pads compliant with the I2C-bus specification for I2C standard mode and I2C Fast-mode Plus.
[4]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors, configurable hysteresis, and analog input.
When configured as a ADC input, digital section of the pad is disabled, and the pin is not 5 V tolerant (see Figure 30).
[5]
Pad provides USB functions. It is designed in accordance with the USB specification, revision 2.0 (Full-speed and Low-speed mode
only).
[6]
When the system oscillator is not used, connect XTALIN and XTALOUT as follows: XTALIN can be left floating or can be grounded
(grounding is preferred to reduce susceptibility to noise). XTALOUT should be left floating.
7.
Functional description
7.1 Architectural overview
The ARM Cortex-M3 includes three AHB-Lite buses: the system bus, the I-code bus, and
the D-code bus (see Figure 1). The I-code and D-code core buses are faster than the
system bus and are used similarly to TCM interfaces: one bus dedicated for instruction
fetch (I-code) and one bus for data access (D-code). The use of two core buses allows for
simultaneous operations if concurrent operations target different devices.
7.2 ARM Cortex-M3 processor
The ARM Cortex-M3 is a general purpose, 32-bit microprocessor, which offers high
performance and very low power consumption. The ARM Cortex-M3 offers many new
features, including a Thumb-2 instruction set, low interrupt latency, hardware divide,
interruptible/continuable multiple load and store instructions, automatic state save and
restore for interrupts, tightly integrated interrupt controller, and multiple core buses
capable of simultaneous accesses.
Pipeline techniques are employed so that all parts of the processing and memory systems
can operate continuously. Typically, while one instruction is being executed, its successor
is being decoded, and a third instruction is being fetched from memory.
PIO2_0/DTR
1[2]
I/O
PIO2_0 — General purpose digital input/output pin.
O
DTR — Data Terminal Ready output for UART.
PIO3_2
28[2]
I/O
PIO3_2 — General purpose digital input/output pin.
PIO3_4
13[2]
I/O
PIO3_4 — General purpose digital input/output pin (LPC1311/13 only).
PIO3_5
14[2]
I/O
PIO3_5 — General purpose digital input/output pin (LPC1311/13 only).
USB_DM
13[5]
I/O
USB_DM — USB bidirectional D
− line (LPC1342/43 only).
USB_DP
14[5]
I/O
USB_DP — USB bidirectional D+ line (LPC1342/43 only).
VDD
6; 29
I
3.3 V supply voltage to the internal regulator, the external rail, and the ADC.
Also used as the ADC reference voltage.
XTALIN
4[6]
I
Input to the oscillator circuit and internal clock generator circuits. Input
voltage must not exceed 1.8 V.
XTALOUT
5[6]
O
Output from the oscillator amplifier.
VSS
33
-
Thermal pad. Connect to ground.
Table 4.
LPC1311/13/42/43 HVQFN33 pin description table …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com