Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 19Page - NXP Semiconductors LPC1313 Datasheet HTML 20Page - NXP Semiconductors LPC1313 Datasheet HTML 21Page - NXP Semiconductors LPC1313 Datasheet HTML 22Page - NXP Semiconductors LPC1313 Datasheet HTML 23Page - NXP Semiconductors LPC1313 Datasheet HTML 24Page - NXP Semiconductors LPC1313 Datasheet HTML 25Page - NXP Semiconductors LPC1313 Datasheet HTML 26Page - NXP Semiconductors LPC1313 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
23 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
7.17.1.1
Internal RC oscillator
The IRC may be used as the clock source for the WDT, and/or as the clock that drives the
system PLL and subsequently the CPU. The nominal IRC frequency is 12 MHz. The IRC
is trimmed to 1 % accuracy over the entire voltage and temperature range.
Upon power-up, any chip reset, or wake-up from Deep power-down mode, the
LPC1311/13/42/43 use the IRC as the clock source. Software may later switch to one of
the other available clock sources.
7.17.1.2
System oscillator
The system oscillator can be used as the clock source for the CPU, with or without using
the PLL. On the LPC134x, the system oscillator must be used to provide the clock source
to USB.
The system oscillator operates at frequencies of 1 MHz to 25 MHz. This frequency can be
boosted to a higher frequency, up to the maximum CPU operating frequency, by the
system PLL.
7.17.1.3
Watchdog oscillator
The watchdog oscillator can be used as a clock source that directly drives the CPU, the
watchdog timer, or the CLKOUT pin. The watchdog oscillator nominal frequency is
programmable between 7.8 kHz and 1.7 MHz. The frequency spread over processing and
temperature is
±40 % (see also Table 14).
7.17.2 System PLL and USB PLL
The LPC134x contain a system PLL and a dedicated PLL for generating the 48 MHz USB
clock. The LPC131x contain the system PLL only. The system and USB PLLs are
identical.
The PLL accepts an input clock frequency in the range of 10 MHz to 25 MHz. The input
frequency is multiplied up to a high frequency with a Current Controlled Oscillator (CCO).
The multiplier can be an integer value from 1 to 32. The CCO operates in the range of
156 MHz to 320 MHz, so there is an additional divider in the loop to keep the CCO within
its frequency range while the PLL is providing the desired output frequency. The output
divider may be set to divide by 2, 4, 8, or 16 to produce the output clock. Since the
minimum output divider value is 2, it is insured that the PLL output has a 50 % duty cycle.
The PLL is turned off and bypassed following a chip reset and may be enabled by
software. The program must configure and activate the PLL, wait for the PLL to lock, and
then connect to the PLL as a clock source. The PLL settling time is 100
μs.
7.17.3 Clock output
The LPC1311/13/42/43 features a clock output function that routes the IRC oscillator, the
system oscillator, the watchdog oscillator, or the main clock to an output pin.
7.17.4 Wake-up process
The LPC1311/13/42/43 begin operation at power-up and when awakened from Deep
power-down mode by using the 12 MHz IRC oscillator as the clock source. This allows
chip operation to resume quickly. If the main oscillator or the PLL is needed by the
application, software will need to enable these features and wait for them to stabilize
before they are used as a clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com