Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 38Page - NXP Semiconductors LPC1313 Datasheet HTML 39Page - NXP Semiconductors LPC1313 Datasheet HTML 40Page - NXP Semiconductors LPC1313 Datasheet HTML 41Page - NXP Semiconductors LPC1313 Datasheet HTML 42Page - NXP Semiconductors LPC1313 Datasheet HTML 43Page - NXP Semiconductors LPC1313 Datasheet HTML 44Page - NXP Semiconductors LPC1313 Datasheet HTML 45Page - NXP Semiconductors LPC1313 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
42 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
10.3 Internal oscillators
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[1]
Typical ratings are not guaranteed. The values listed are at nominal supply voltages.
[2]
The typical frequency spread over processing and temperature (Tamb = −40 °C to +85 °C) is ±40 %.
[3]
See the LPC13xx user manual.
Table 13.
Dynamic characteristics: IRC
Tamb = −40 °C to +85 °C; 2.7 V ≤ VDD ≤ 3.6 V[1].
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
internal RC oscillator frequency
-
11.88
12
12.12
MHz
Conditions: Frequency values are typical values. 12 MHz
± 1 % accuracy is guaranteed for
2.7 V
≤ V
DD ≤ 3.6 V and Tamb = −40 °C to +85 °C. Variations between parts may cause the IRC to
fall outside the 12 MHz
± 1 % accuracy specification for voltages below 2.7 V.
Fig 21. Internal RC oscillator frequency f versus temperature
temperature (
°C)
−40
85
35
10
60
−15
002aae987
11.95
12.05
12.15
f
(MHz)
11.85
VDD = 3.6 V
3.3 V
3.0 V
2.7 V
2.4 V
2.0 V
Table 14.
Dynamic characteristics: Watchdog oscillator
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc
internal oscillator frequency
DIVSEL = 0x1F, FREQSEL = 0x1 in the
WDTOSCCTRL register;
[2][3] -7.8
-
kHz
DIVSEL = 0x00, FREQSEL = 0xF in the
WDTOSCCTRL register
[2][3] -
1700
-
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com