Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 18Page - NXP Semiconductors LPC1313 Datasheet HTML 19Page - NXP Semiconductors LPC1313 Datasheet HTML 20Page - NXP Semiconductors LPC1313 Datasheet HTML 21Page - NXP Semiconductors LPC1313 Datasheet HTML 22Page - NXP Semiconductors LPC1313 Datasheet HTML 23Page - NXP Semiconductors LPC1313 Datasheet HTML 24Page - NXP Semiconductors LPC1313 Datasheet HTML 25Page - NXP Semiconductors LPC1313 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
22 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
Following reset, the LPC1311/13/42/43 will operate from the internal RC oscillator until
switched by software. This allows systems to operate without any external crystal and the
bootloader code to operate at a known frequency.
See Figure 7 for an overview of the LPC1311/13/42/43 clock generation.
The USB clock is available on LPC1342/43 only.
Fig 7.
LPC1311/13/42/43 clocking generation block diagram
SYSTEM PLL
IRC oscillator
system oscillator
system oscillator
watchdog oscillator
IRC oscillator
watchdog oscillator
USB PLL
MAINCLKSEL
(main clock select)
SYSPLLCLKSEL
(system PLL clock select)
USBPLLCLKSEL
(USB clock select)
SYSTEM CLOCK
DIVIDER
AHBCLKCTRL
(AHB clock enable)
AHB clock 0
(system)
AHB clock 1
(ROM)
AHB clock 16
(IOCONFIG)
AHBCLKCTRL
AHBCLKCTRL
SSP PERIPHERAL
CLOCK DIVIDER
SSP
UART PERIPHERAL
CLOCK DIVIDER
UART
SYSTICK TIMER
CLOCK DIVIDER
WDT CLOCK
DIVIDER
SYSTICK
timer
ARM TRACE
CLOCK DIVIDER
ARM
trace clock
WDT
WDTUEN
(WDT clock update enable)
USB 48 MHz CLOCK
DIVIDER
USB
USBUEN
(USB clock update enable)
watchdog oscillator
IRC oscillator
system oscillator
CLKOUT PIN CLOCK
DIVIDER
CLKOUT pin
CLKOUTUEN
(CLKOUT update enable)
002aae859
main clock
system clock
IRC oscillator
AHB clocks
2 to 15
(memories
and peripherals)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com