Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 41Page - NXP Semiconductors LPC1313 Datasheet HTML 42Page - NXP Semiconductors LPC1313 Datasheet HTML 43Page - NXP Semiconductors LPC1313 Datasheet HTML 44Page - NXP Semiconductors LPC1313 Datasheet HTML 45Page - NXP Semiconductors LPC1313 Datasheet HTML 46Page - NXP Semiconductors LPC1313 Datasheet HTML 47Page - NXP Semiconductors LPC1313 Datasheet HTML 48Page - NXP Semiconductors LPC1313 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
45 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
10.6 SSP interface
[1]
Tcy(clk) = (SSPCLKDIV × (1 + SCR) × CPSDVSR) / fmain. The clock cycle time derived from the SPI bit rate Tcy(clk) is a function of the
main clock frequency fmain, the SSP peripheral clock divider (SSPCLKDIV), the SSP SCR parameter (specified in the SSP0CR0
register), and the SSP CPSDVSR parameter (specified in the SSP clock prescale register).
[2]
Tamb = −40 °C to 85 °C.
[3]
Tcy(clk) = 12 × Tcy(PCLK).
[4]
Tamb = 25 °C; VDD = 3.3 V.
Table 17.
Dynamic characteristics: SSP pins in SPI mode
Symbol
Parameter
Conditions
Min
Max
Unit
Tcy(PCLK)
PCLK cycle time
13.9
-
ns
Tcy(clk)
clock cycle time
[1]
27.8
-
ns
SSP master
tDS
data set-up time
in SPI mode;
2.4 V
≤ V
DD ≤ 3.6 V
[2]
15
-
ns
2.0 V
≤ V
DD < 2.4 V
[2]
20
-
ns
tDH
data hold time
in SPI mode
[2]
0-
ns
tv(Q)
data output valid time
in SPI mode
[2]
-10
ns
th(Q)
data output hold time
in SPI mode
[2]
0-
ns
SSP slave
tDS
data set-up time
in SPI mode
[3][4]
0-
ns
tDH
data hold time
in SPI mode
[3][4]
3
× T
cy(PCLK) + 4
-
ns
tv(Q)
data output valid time
in SPI mode
[3][4]
-3
× T
cy(PCLK) + 11
ns
th(Q)
data output hold time
in SPI mode
[3][4]
-2
× T
cy(PCLK) + 5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com