Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 30Page - NXP Semiconductors LPC1313 Datasheet HTML 31Page - NXP Semiconductors LPC1313 Datasheet HTML 32Page - NXP Semiconductors LPC1313 Datasheet HTML 33Page - NXP Semiconductors LPC1313 Datasheet HTML 34Page - NXP Semiconductors LPC1313 Datasheet HTML 35Page - NXP Semiconductors LPC1313 Datasheet HTML 36Page - NXP Semiconductors LPC1313 Datasheet HTML 37Page - NXP Semiconductors LPC1313 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
34 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
Conditions: Tamb = 25 °C; active mode entered executing code while(1){} from flash;
internal pull-up resistors disabled; system oscillator and system PLL enabled; IRC, BOD disabled;
all peripherals disabled in the AHBCLKCTRL register (AHBCLKCTRL = 0x1F); all peripheral clocks
disabled; USB_DP and USB_DM pulled LOW externally (LPC134x).
Fig 9.
Typical supply current versus regulator supply voltage VDD in active mode
Conditions: VDD = 3.3 V; Active mode entered executing code while(1){} from flash; internal
pull-up resistors disabled; system oscillator and system PLL enabled; IRC, BOD disabled; all
peripherals disabled in the AHBCLKCTRL register (AHBCLKCTRL = 0x1F); all peripheral clocks
disabled; USB_DP and USB_DM pulled LOW externally (LPC134x).
Fig 10. Typical supply current versus temperature in Active mode
VDD (V)
2.0
3.6
3.2
2.8
2.4
002aae993
9
12
6
15
18
IDD
(mA)
3
24 MHz
48 MHz
12 MHz
36 MHz
72 MHz
002aae994
temperature (
°C)
−40
85
35
10
60
−15
6
15
12
9
18
IDD
(mA)
3
24 MHz
12 MHz
36 MHz
72 MHz
48 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com