Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 26Page - NXP Semiconductors LPC1313 Datasheet HTML 27Page - NXP Semiconductors LPC1313 Datasheet HTML 28Page - NXP Semiconductors LPC1313 Datasheet HTML 29Page - NXP Semiconductors LPC1313 Datasheet HTML 30Page - NXP Semiconductors LPC1313 Datasheet HTML 31Page - NXP Semiconductors LPC1313 Datasheet HTML 32Page - NXP Semiconductors LPC1313 Datasheet HTML 33Page - NXP Semiconductors LPC1313 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
30 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[2]
IRC enabled; system oscillator disabled; system PLL disabled.
[3]
IDD measurements were performed with all pins configured as GPIO outputs driven LOW and pull-up resistors disabled.
[4]
BOD disabled.
[5]
All peripherals disabled in the AHBCLKCTRL register. Peripheral clocks to UART, SSP, trace clock, and SysTick timer disabled in the
syscon block.
[6]
For LPC134x: USB_DP and USB_DM pulled LOW externally.
[7]
IRC disabled; system oscillator enabled; system PLL enabled.
[8]
All oscillators and analog blocks turned off in the PDSLEEPCFG register; PDSLEEPCFG = 0xFFFF FFFF
[9]
WAKEUP pin pulled HIGH externally.
[10] Including voltage on outputs in 3-state mode.
[11] VDD supply voltage must be present.
[12] 3-state outputs go into 3-state mode in Deep power-down mode.
[13] Accounts for 100 mV voltage drop in all supply lines.
[14] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[15] To VSS.
[16] Includes external resistors of 33
Ω± 1 % on USB_DP and USB_DM.
VBUS
bus supply voltage
-
-
5.25
V
VDI
differential input
sensitivity voltage
|(D+) − (D−)|
0.2
-
-
V
VCM
differential common
mode voltage range
includes VDI range
0.8
-
2.5
V
Vth(rs)se
single-ended receiver
switching threshold
voltage
0.8
-
2.0
V
VOL
LOW-level output
voltage
for low-/full-speed;
RL of 1.5 kΩ to 3.6 V
-
-
0.18
V
VOH
HIGH-level output
voltage
driven; for low-/full-speed;
RL of 15 kΩ to GND
2.8
-
3.5
V
Ctrans
transceiver capacitance pin to GND
-
-
20
pF
ZDRV
driver output
impedance for driver
which is not high-speed
capable
with 33
Ω series resistor; steady state
drive
[16] 36
-
44.1
Ω
Table 7.
Static characteristics …continued
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 8.
ADC static characteristics
Tamb = −40 °C to +85 °C unless otherwise specified; ADC frequency 4.5 MHz, VDD = 2.5 V to 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDD
V
Cia
analog input capacitance
-
-
1
pF
ED
differential linearity error
[1][2] --
±1LSB
EL(adj)
integral non-linearity
[3] --
±1.5
LSB
EO
offset error
[4] --
±3.5
LSB
EG
gain error
[5] --0.6
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com