Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 52Page - NXP Semiconductors LPC1313 Datasheet HTML 53Page - NXP Semiconductors LPC1313 Datasheet HTML 54Page - NXP Semiconductors LPC1313 Datasheet HTML 55Page - NXP Semiconductors LPC1313 Datasheet HTML 56Page - NXP Semiconductors LPC1313 Datasheet HTML 57Page - NXP Semiconductors LPC1313 Datasheet HTML 58Page - NXP Semiconductors LPC1313 Datasheet HTML 59Page - NXP Semiconductors LPC1313 Datasheet HTML 60Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
57 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
14. Revision history
Table 22.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
LPC1311_13_42_43_2
20100506
Product data sheet
LPC1311_13_42_43_1
Modifications:
• Pin functions TRST, TDO, TMS, TDI replaced by R (Reserved).
• In Section 7.18.3, description of CRP modes updated: JTAG replaced by SWD.
• Description of standard I/O pads and RESET pad improved (Figure 30 and Figure 31).
• SSP dynamic characteristics: maximum value for parameter tDS removed and values
for tDH and th(Q) moved to minimum.
• Maximum data bit rates for SSP (Section 7.11.1) and UART (Section 7.10.1)
peripherals added.
• Details for external oscillator component selection added (Section 11.2).
• WDT oscillator frequency specification added (Section 7.17.1.3 and Table 14).
• VDD(3V3) and VDD(IO) supply voltages combined to VDD throughout the document. Pins
VDD(3V3) and VDD(IO) renamed to VDD in Table 3 and Table 4.
• Parameters ter and tprog added to Table 11.
• Parameters IOH, IOL, IOz changed to 0.5 nA (typ) and 10 nA (max) in Table 7.
• Parameters VIH changed to 0.7VDD and VOL changed to 0.3VDD throughout Table 7.
• Boot loader description via USB updated in Section 7.18.4.
• Feature list updated with items “Unique device serial number” and “Bootloader drivers
for MSC and HID” (Section 2).
• Section 11.6 “ADC usage notes” added.
• GPIO functional description updated (Section 7.8).
• Inputs to the system PLL changed (watchdog oscillator removed), see Figure 7.
• Description of disabling ISP entry mode clarified in Section 7.18.3.
• Description of the RESET pin functionality in Deep power-down mode added (Table
note 1 in Table 3 and Table 4.
• “Industrial networking” removed from Section 3.
• Table note 12 in Table 7 updated.
• Table 15 added for parameters tr and tf.
• Parameters Rvsi and Ri added to Table 8.
• Use of open-drain pins clarified for pins PIO0_4 and PIO0_5 in Table 3 and Table 4.
• Parameters Vi(xtal) and Vo(xtal) minimum value changed to −0.5 V in Table 7.
LPC1311_13_42_43_1
20091211
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com