Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 33Page - Texas Instruments DAC8728 Datasheet HTML 34Page - Texas Instruments DAC8728 Datasheet HTML 35Page - Texas Instruments DAC8728 Datasheet HTML 36Page - Texas Instruments DAC8728 Datasheet HTML 37Page - Texas Instruments DAC8728 Datasheet HTML 38Page - Texas Instruments DAC8728 Datasheet HTML 39Page - Texas Instruments DAC8728 Datasheet HTML 40Page - Texas Instruments DAC8728 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
DAC
Channel
Offset
DAC
V
1
V
OFF
AGND-x
V
OUT
OFFSET
V
=GAINxV
(GAIN
1)xV
-
-
OUT
1
OFF
DAC8728
www.ti.com
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
Figure 96. Output Amplifier and Offset DAC
OUTPUT AMPLIFIERS
The output amplifiers can swing to 0.5V below the positive supply and 0.5V above the negative supply. This
condition limits how much the output can be offset for a given reference voltage. The maximum range of the
output for ±17V power and a +5.5V reference is –16.5V to +16.5V for gain = 6.
Each output amplifier is implemented with individual over-current protection. The amplifier is clamped at 10mA,
even if the output current goes over 10mA.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com